Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL32IB Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT86VL32IB
Description  DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL32IB Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT86VL32IB Datasheet HTML 17Page - Exar Corporation XRT86VL32IB Datasheet HTML 18Page - Exar Corporation XRT86VL32IB Datasheet HTML 19Page - Exar Corporation XRT86VL32IB Datasheet HTML 20Page - Exar Corporation XRT86VL32IB Datasheet HTML 21Page - Exar Corporation XRT86VL32IB Datasheet HTML 22Page - Exar Corporation XRT86VL32IB Datasheet HTML 23Page - Exar Corporation XRT86VL32IB Datasheet HTML 24Page - Exar Corporation XRT86VL32IB Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
XRT86VL32
18
REV. V1.2.1
DUAL T1/E1/J1 FRAMER/LIU COMBO - HARDWARE DESCRIPTION
RECEIVE SYSTEM SIDE INTERFACE
SIGNAL NAME
BALL #
TYPE
OUTPUT
DRIVE (MA)
DESCRIPTION
RxSYNC0/
RxNEG0
RxSYNC2/
RxNEG2
D8
F18
I/O
12
Receive Single Frame Sync Pulse (RxSYNCn):
The exact function of these pins depends on the mode of oper-
ation selected, as described below.
DS1/E1 Base Rate Mode (1.544MHz/2.048MHz) - RxSYNCn:
These RxSYNCn pins are used to indicate the single frame
boundary within an inbound T1/E1 frame. In both DS1 or E1
mode, the single frame boundary repeats every 125 microsec-
onds (8kHz).
In DS1/E1 base rate, RxSYNCn can be configured as either
input or output depending on the slip buffer configuration as
described below.
When RxSYNCn is configured as an Input:
Users must provide a signal which must pulse "High" for one
period of RxSERCLK and repeats every 125
µS. The receive
serial Interface will output the first bit of an inbound DS1/E1
frame during the provided RxSYNC pulse.
NOTE:
It is imperative that the RxSYNC input signal be
synchronized with the RxSERCLK input signal.
When RxSYNCn is configured as an Output:
The receive T1/E1 framer will output a signal which pulses
"High" for one period of RxSERCLK during the first bit of an
inbound DS1/E1 frame.
DS1/E1 High-Speed Backplane Modes* - RxSYNCn as
INPUT ONLY:
In this mode, RxSYNCn must be an input regardless of the slip
buffer configuration. In 2.048MVIP/4.096/8.192MHz high-speed
modes, RxSYNCn pins must be pulsed ’High’ for one period of
RxSERCLK during the first bit of the inbound T1/E1 frame. In
HMVIP mode, RxSYNC0 must be pulsed ’High’ for 4 clock
cycles of the RxSERCLK signal in the position of the first two
and the last two bits of a multiplexed frame. In H.100 mode,
RxSYNC0 must be pulsed ’High’ for 2 clock cycles of the
RxSERCLK signal in the position of the first and the last bit of a
multiplexed frame.
DS1 or E1 Framer Bypass Mode - RxNEGn
In this mode, RxSYNCn is used as the Receive negative digital
output pin (RxNEG) from the LIU.
NOTE:
*High-speed backplane modes include (For T1/E1)
2.048MVIP, 4.096MHz, 8.192MHz, 16.384MHz HMVIP,
H.100, Bit-multiplexed modes, and (For T1 only)
12.352MHz Bit-multiplexed mode.
NOTE: In DS1 high-speed modes, the DS-0 data is mapped
into an E1 frame by ignoring every fourth time slot
(don’t care).
NOTE:
These 8 pins are internally pulled “Low” for each
channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com