Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW8-2 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW8-2
Description  SP8T AlGaAs PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW8-2 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW8-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
SP8T AlGaAs PIN Diode Switch
Rev. V2
MA4AGSW8-2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
HANDLING
CLEANLINESS
These chips should be handled in a clean environment.
STATIC SENSITIVITY
These Devices are considered ESD Class 1A, HBM. Proper ESD techniques should be used when handling
these devices.
GENERAL HANDLING
The protective polymer coating on the active areas of the die provides scratch and impact protection, particularly
for the metal air bridge, which contacts the diode’s anode. Die should primarily be handled with vacuum pickup
tools, or alternatively with plastic tweezers.
ASSEMBLY TECHNIQUES
The MA4AGSW8-2, AlGaAs switch is designed to be mounted with electrically conductive silver epoxy or with a
low temperature solder perform, which does not have a rich tin content.
SOLDER DIE ATTACH
Only low temperature solders which do not scavenge gold, such as Indalloy #2, are recommended. Do not
expose die to temperatures greater than 300°C for more than 10 seconds.
ELECTRICAL CONDUCTIVE EPOXY DIE ATTACH
Use a controlled thickness of approximately 2 mils for best electrical conductivity and lowest thermal resistance.
Cure epoxy per manufacturer
’s schedule. Typically 150°C for 1 hour.
RIBBON/WIRE BONDING
Thermo-compression wedge or ball bonding may be used to attach ribbons or wire to the gold bonding
pads. A 1/4 x 3 mil gold ribbon is recommended on all RF ports and should be kept as short as possible for
the lowest inductance and best microwave performance.
For more detailed handling and assembly
instructions, see Application Note M541, “Bonding and Handling Procedures for Chip Diode
Devices” at www.macomtech.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com