Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW8-2 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4AGSW8-2
Description  SP8T AlGaAs PIN Diode Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW8-2 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW8-2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW8-2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SP8T AlGaAs PIN Diode Switch
Rev. V2
MA4AGSW8-2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
TAMB = +25°C (Unless Otherwise Noted)
1
1.Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Absolute Maximum
D.C. Reverse Voltage
25V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Bias Current
±30mA
Note
:
FEATURES
• Specified Performance : 50 MHz to 40 GHz
• Operational Performance: 50 MHz to 50 GHz
• 2.0 dB Typical Insertion Loss at 40 GHz
• 30 dB Typical Isolation at 40 GHz thru 3 Diodes
• 22 dB Typical Isolation at 40 GHz thru 2 Diodes
• Low Current Consumption
• 10 mA for low loss state
•
0 Volts for Isolation state
• M/A-COM’s Patented AlGaAs Hetero-Junction
Anode Technology.
• Silicon Nitride Passivation
• BCB Impact Protection
• RoHS Compliant
DESCRIPTION
M/A-COM’s MA4AGSW8-2 is an Aluminum-Gallium-
Arsenide (AlGaAs) anode enhanced, SP8T, PIN
diode series switch. Operation is accomplished with
10 mA applied to the low loss port and 0V for the
isolated ports. M/A-COM’s Technology Solutions
AlGaAs process utilizes a patented hetero-junction
technology which produces lower insertion loss than
conventional GaAs devices. These devices are
fabricated on an OMCVD epitaxial wafer using a
process designed for high device uniformity and
extremely low parasitics. The diodes used have low
series resistance, (3 Ω) , low capacitance (20 fF) , and
fast switching speed (20 nS). The MA4AGSW8-2
device is fully passivated with silicon nitride, and has
an extra layer of polyamide for added scratch and
impact protection. This protective coating prevents
damage to the diode junction and anode air bridges
during handling and assembly. External RF to DC
bias networks which are optimized for the particular
operating band of interest are required.
APPLICATIONS
The low capacitance of the internal PIN diodes makes
this switch ideal for use in many microwave
multi-throw switch designs. The low series resistance
of the diodes reduces the insertion loss at microwave
millimeter-wave frequencies. These AlGaAs PIN
switches can be used as switching arrays on radar
systems, optical switching networks, instrumentation,
and other wideband multi-throw switch assemblies.
CHIP LAYOUT


Similar Part No. - MA4AGSW8-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
More results

Similar Description - MA4AGSW8-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW8-2 MACOM-MA4AGSW8-2 Datasheet
155Kb / 7P
AlGaAs SP8T PIN Diode Switch
MA4AGSW8-1 MACOM-MA4AGSW8-1 Datasheet
156Kb / 7P
AlGaAs SP8T PIN Diode Series Switch
logo
M/A-COM Technology Solu...
MA4AGSW3 MA-COM-MA4AGSW3 Datasheet
159Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1 Datasheet
126Kb / 6P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
SPDT AlGaAs PIN Diode Switch
MA4AGSW3_V7 MA-COM-MA4AGSW3_V7 Datasheet
131Kb / 7P
SP3T AlGaAs PIN Diode Switch
MA4AGSW5_V5 MA-COM-MA4AGSW5_V5 Datasheet
140Kb / 7P
SP5T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW8-1 MA-COM-MA4AGSW8-1_15 Datasheet
572Kb / 7P
SP8T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW3 MA-COM-MA4AGSW3_15 Datasheet
684Kb / 8P
SP3T AlGaAs PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com