Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8427-CSZR Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 5 Page - Cirrus Logic

  CS8427-CSZR Datasheet HTML 1Page - Cirrus Logic CS8427-CSZR Datasheet HTML 2Page - Cirrus Logic CS8427-CSZR Datasheet HTML 3Page - Cirrus Logic CS8427-CSZR Datasheet HTML 4Page - Cirrus Logic CS8427-CSZR Datasheet HTML 5Page - Cirrus Logic CS8427-CSZR Datasheet HTML 6Page - Cirrus Logic CS8427-CSZR Datasheet HTML 7Page - Cirrus Logic CS8427-CSZR Datasheet HTML 8Page - Cirrus Logic CS8427-CSZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
CS8427
DS477F4
5
1. CHARACTERISTICS AND SPECIFICATIONS
All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical per-
formance characteristics and specifications are derived from measurements taken at nominal supply voltages and
TA = 25°C.
SPECIFIED OPERATING CONDITIONS
AGND, DGND = 0 V, all voltages with respect to 0 V.
Notes: 1. I²C protocol is supported only in VL+ = 5.0 V mode.
ABSOLUTE MAXIMUM RATINGS
AGND, DGND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent dam-
age to the device. Normal operation is not guaranteed at these extremes.
Notes: 2. Transient currents of up to 100 mA will not cause SCR latch-up.
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
(Note 1)
VA+
VL+
4.5
2.85
5.0
3.3 or 5.0
5.5
5.5
V
V
Ambient Operating Temperature:
‘-CS’, ‘CSZ’ & ‘-CZ’
‘-DS’ & ‘-DZ’
TA
-10
-40
-
-
+70
+85
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VL+,VA+
-
6.0
V
Input Current, Any Pin Except Supplies
(Note 2)
Iin
-±10
mA
Input Voltage
Vin
-0.3
(VL+) + 0.3
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com