Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8427-CSZR Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8427-CSZR
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZR Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8427-CSZR Datasheet HTML 36Page - Cirrus Logic CS8427-CSZR Datasheet HTML 37Page - Cirrus Logic CS8427-CSZR Datasheet HTML 38Page - Cirrus Logic CS8427-CSZR Datasheet HTML 39Page - Cirrus Logic CS8427-CSZR Datasheet HTML 40Page - Cirrus Logic CS8427-CSZR Datasheet HTML 41Page - Cirrus Logic CS8427-CSZR Datasheet HTML 42Page - Cirrus Logic CS8427-CSZR Datasheet HTML 43Page - Cirrus Logic CS8427-CSZR Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
CS8427
40
DS477F4
RERR
11
Receiver Error (Output) - When high, indicates an error condition from the AES3 receiver.
The status of this pin is updated once per sub-frame of incoming AES3 data. Conditions that
can cause RERR to go high are: validity, parity error, bi-phase coding error, confidence, as
well as loss of lock by the PLL. Each condition may be optionally masked from affecting the
RERR pin using the Receiver Error Mask Register. The RERR pin tracks the status of the
unmasked errors: the pin goes high as soon as an unmasked error occurs and goes low
immediately when all unmasked errors go away.
ILRCK
12
Serial Audio Input Left/Right Clock (Input/Output) - Word rate clock for the audio data on
the SDIN pin.
ISCLK
13
Serial Audio Bit Clock (Input/Output) - Serial bit clock for audio data on the SDIN pin.
SDIN
14
Serial Audio Data Port (Input) - Audio data serial input pin.
TCBL
15
Transmit Channel Status Block Start (Input/Output) - When operated as output, TCBL is
high during the first sub-frame of a transmitted channel status block, and low at all other
times. When operated as input, driving TCBL high for at least three OMCK clocks will cause
the next transmitted sub-frame to be the start of a channel status block.
OSCLK
16
Serial Audio Output Bit Clock (Input/Output) - Serial bit clock for audio data on the SDOUT
pin
OLRCK
17
Serial Audio Output Left/Right Clock (Input/Output) - Word rate clock for the audio data on
the SDOUT pin. Frequency will be the output sample rate (Fs)
SDOUT
18
Serial Audio Output Data (Output) - Audio data serial output pin
INT
19
Interrupt (Output) - Indicates errors and key events during the operation of the CS8427. All
bits affecting INT may be unmasked through bits in the control registers. The condition(s)
that initiated interrupt are readable through a control register. The polarity of the INT output,
as well as selection of a standard or open drain output, is set through a control register. Once
set true, the INT pin goes false only after the interrupt status registers have been read and
the interrupt status bits have returned to zero
U
20
User Data (Input/Output) - May optionally be used to input User bit data for transmission by
the AES3 transmitter, see Figure 13 on page 22 for timing information. Alternatively, the U
pin may be set to output User data from the AES3 receiver, see Figure 13 on page 22 for tim-
ing information. If not driven, a 47 k
Ω pull-down resistor is recommended for the U pin, since
the default state of the UD direction bit sets the U pin as an input. The pull-down resistor
ensures that the transmitted user data will be zero. If the U pin is always set to be an output,
thereby causing the U bit manager to be the source of the U data, then the resistor is not
necessary. The U pin should not be tied directly to ground, in case it is programmed to be an
output, and subsequently tries to output a logic high. This situation may affect the long term
reliability of the device. If the U pin is driven by a logic level output, then a 100
Ω series resis-
tor is recommended.
OMCK
21
System Clock (Input) - When the OMCK System Clock Mode is enabled by the SWCLK bit
in the Control 1 register, the clock signal input on this pin is output through RMCK. OMCK
serves as reference signal for OMCK/RMCK ratio expressed in register 1Eh.
DGND
22
Digital Ground (Input) - Ground for the digital section. DGND should be connected to the
same ground as AGND
VL+
23
Positive Digital Power (Input) - Typically +3.3 V or +5.0 V.
H/S
24
Hardware/Software Mode Control (Input) - Determines the method of controlling the oper-
ation of the CS8427, and the method of accessing CS and U data. In software mode, device
control and CS and U data access is primarily through the control port, using a microcontrol-
ler. Hardware mode provides an alternate mode of operation and access to the CS and U
data through dedicated pins. This pin should be permanently tied to VL+ or DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com