Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA009AF Datasheet(PDF) 1 Page - Megawin Technology Co., Ltd

Part # MA009AF
Description  24-bit I/O extender with interrupt function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA009AF Datasheet(HTML) 1 Page - Megawin Technology Co., Ltd

  MA009AF Datasheet HTML 1Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 2Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 3Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 4Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 5Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 6Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 7Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 8Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MA009A
24-bit I/O extender with interrupt function
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue
this product without notice.
© MEGAWIN Technology Co., Ltd. 2006 All rights reserved.
2006/09 version A1
MEGAWIN
Features
•Operation voltage: 2.0V to 5.7V
•Low standby current (1uA, typ.)
•2 Mbps, 3-wire serial interface
•8 chip addresses are provided
•24 input/output pins
♦ 16 input pins with pull-high disable/enable
and interrupt function
♦ 16 output pins with CMOS/NMOS,
large/small sink capability
Selection Information
MA009AH
MA009AP
MA009AD
MA009AF
Package / Dice
Dice
44-PLCC
48-LQFP
44-PQFP
Parallel Input
8 pins
Parallel Output
8 pins
Parallel I/O
8 pins
Max. Sink Current
20mA
Application Field
System I/O port
LED status indicator


Similar Part No. - MA009AF

ManufacturerPart #DatasheetDescription
logo
C&K Components
MA00 CK-COMPONENTS-MA00 Datasheet
545Kb / 5P
Half-inch Rotary Switches
logo
Infineon Technologies A...
MA000039866 INFINEON-MA000039866 Datasheet
22Kb / 1P
Material Content Data Sheet
15. October 2014
MA000040540 INFINEON-MA000040540 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000040544 INFINEON-MA000040544 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
MA000040744 INFINEON-MA000040744 Datasheet
24Kb / 1P
Material Content Data Sheet
29. August 2013
More results

Similar Description - MA009AF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9555 PHILIPS-PCA9555 Datasheet
185Kb / 22P
16-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
PCA9554 PHILIPS-PCA9554 Datasheet
183Kb / 20P
8-bit I2C and SMBus I/O port with interrupt
2004 Sep 30
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
CAT9555 CATALYST-CAT9555 Datasheet
212Kb / 17P
16-bit I2C and SMBus I/O Port with Interrupt
logo
ON Semiconductor
CAT9554WI-G ONSEMI-CAT9554WI-G Datasheet
184Kb / 16P
8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9002, Rev. F
logo
Renesas Technology Corp
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
ON Semiconductor
CAT9534 ONSEMI-CAT9534 Datasheet
172Kb / 16P
8-bit I짼C and SMBus I/O Port with Interrupt
Doc. No. MD-9004 Rev. D
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
PI4IOE5V9554 PERICOM-PI4IOE5V9554 Datasheet
463Kb / 1P
SMBus I/O port with Interrupt
logo
Generalplus Technology ...
GPBA02A GENERALPLUS-GPBA02A Datasheet
378Kb / 21P
I/O Extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com