Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA009AF Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MA009AF
Description  24-bit I/O extender with interrupt function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MA009AF Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MA009AF Datasheet HTML 9Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 10Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 11Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 12Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 13Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 14Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 15Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 16Page - Megawin Technology Co., Ltd MA009AF Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MEGAWIN
MA009A Technical Summary
13
AC Characteristics
(VCC-GND = 5.0V, Ta = 25
° C; unless otherwise specified)
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Maximum clock pulse
frequency (SCLK)
FMAX
50 % duty cycle
-
2.5
5
MHz
Pulse Width
TW
SCLK
100
-2
-
nS
Command Setting Time
TCS
C/DB to SCLK
60
-2
-
nS
TDS1
C/DB to SCLK (Write Mode)
30
-2
-
nS
Data Setting Time
TDS2
C/DB to SCLK (Read Mode)
30
-2
-
nS
TSU1
Sin to SCLK (Command)
20
-2
-
nS
Setup Time
TSU2
Sin to SCLK (Data)
20
-2
-
nS
Hold time
TH
SCLK to Sin
10
-2
-
nS
Input/Output Switch Time
TSW
Vdd = 2.4V
-
15
nS
Output Valid Time
TV
Vdd = 2.4V
-
10
nS
Output Hold Time
THO
Vdd = 2.4V
20
-
nS
Software Reset Recovery Time
TSREC
Vdd = 2.4V
90
-
nS
System Timing
Command Write Setup Time Waveforms
COMMAND
DATA
C/DB
SCLK
Sin
COMMAND WRITE PERIOD
TW
TCS
TSU1
TH
TDS1
TSU2
Valid In
Valid In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com