Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC82x52AT Datasheet(PDF) 13 Page - Megawin Technology Co., Ltd

Part # MPC82x52AT
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AT Datasheet(HTML) 13 Page - Megawin Technology Co., Ltd

Back Button MPC82x52AT Datasheet HTML 9Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 10Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 11Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 12Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 13Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 14Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 17Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
13
Bits Description
SYMBOL
DESCRIPTION
INITIAL
VALUE
SP
Stack Pointer
00000111B
DPL
Data Pointer Low
00000000B
DPH
Data Pointer High
00000000B
SPISTAT
SPI status register
SPIF
WCOL
00xxxxxxB
SPICTL
SPI control register
SSIG
SPEN
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
00000000B
SPIDAT
SPI data register
00000000B
PCON
Power Control
SMOD
reserved0
LVF
POF
GF1
GF0
PD
IDL
00110000B
TCON
Timer/Counter Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
00000000B
TMOD
Timer/Counter Mode.
GATE
C//T
M1
M0
GATE
C//T
M1
M0
00000000B
TL0
Timer Low 0
00000000B
TL1
Timer Low 1
00000000B
TH0
Timer High 0
00000000B
TH1
Timer High 1
00000000B
AUXR
Auxiliary
T0X12
T1X12
URM0X6
EADCI
ESPI
ENLVFI
000000xxB
P1
Port 1
11111111B
P1M0
Port1 configure register 0
00000000B
P1M1
Port1 configure register 1
00000000B
SCON
Serial Control
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
00000000B
SBUF
Serial Buffer
xxxxxxxxB
IE
Interrupt Enable
EA
EPCA_LVD
ESPI_ADC
ES
ET1
EX1
ET0
EX0
00000000B
SADDR
Slave Address
00000000B
P3
Port 3
P3.7
-
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
11111111B
P3M0
Port3 configure register 0
00000000B
P3M1
Port3 configure register 1
00000000B
IPH
Interrupt Priority High
-
PPCAH_LVD PSPIH_ADC
PSH
PT1H
PX1H
PT0H
PX0H
x0000000B
IP
Interrupt Priority Low
-
PPCA
PSPI
PS
PT1
PX1
PT0
PX0
x0000000B
SADEN
Slave Address Mask
00000000B
ADCTL
ADC Control Register
ADCON
SPEED1
SPEED0
ADCI
ADCS
CHS2
CHS1
CHS0
00000000B
ADCV
ADC Result Register
00000000B
PCON2
Power Control register 2
CKS2
CKS1
CKS0
xxxxx000B
PSW
Program Status Word
CY
AC
F0
RS1
RS0
OV
-
P
00000000B
CCON
PCA counter control register
CF
CR
-
-
-
-
CCF1
CCF0
00xxxx00B
CMOD
PCA counter mode register
CIDL
-
-
-
-
CPS1
CPS0
ECF
0xxxx000B
CCAPM0
PCA module-0 mode
register.
-
ECOM0
CAPP0
CAPN0
MAT0
TOG0
PWM0
ECCF0
x0000000B
CCAPM1
PCA module-1 mode
register.
-
ECOM1
CAPP1
CAPN1
MAT1
TOG1
PWM1
ECCF1
x0000000B
WDTCR
Watch-dog-timer Control
WRF
-
ENW
CLW
WIDL
PS2
PS1
PS0
0x000000B
IFD
ISP Flash data register
11111111B
IFADRH
ISP Flash Address High
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com