Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC82x52AT Datasheet(PDF) 21 Page - Megawin Technology Co., Ltd

Part # MPC82x52AT
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AT Datasheet(HTML) 21 Page - Megawin Technology Co., Ltd

Back Button MPC82x52AT Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 23Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 24Page - Megawin Technology Co., Ltd MPC82x52AT Datasheet HTML 25Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
21
Configuration of I/O port
PxM0n
PxM1n
Port Mode
0
0
Quasi-bidirectional(default)
0
1
Push-Pull output
1
0
Input Only (High-impedance)
1
1
Open-Drain Output
(x = 1 or 3
n = 7, 6, 5, 4, 3, 2, 1 or 0)
Quasi-bidirectional Mode
Port pins in quasi-bidirectional output mode function similar to the standard 8051 port pins. A
quasi-bidirectional port can be used as an input and output without the need to reconfigure the
port. This is possible because when the port outputs logic high, it is weakly driven, allowing an
external device to pull the pin low. When the pin outputs low, it is driven strongly and able to
sink a large current. There are three pull-up transistors in the quasi-bidirectional output that
serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port register
for the pin contains a logic “1”. This very weak pull-up sources a very small current that will
pull the pin high if it is left floating.
A second pull-up, called the “weak” pull-up, is turned on when the port register for the pin
contains a logic “1” and the pin itself is also at a logic “1” level. This pull-up provides the
primary source current for a quasi-bidirectional pin that is outputting a ‘1’.
If this pin is pulled
low by the external device, this weak pull-up turns off, and only the very weak pull-up remains
on. In order to pull the pin low under these conditions, the external device has to sink enough
current to over-power the weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up
low-to-high transitions on a quasi-bidirectional port pin when the port register changes from a
logic “0” to a logic “1”. When this occurs, the strong pull-up turns on for two CPU clocks,
quickly pulling the port pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com