Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC737LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC737LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC737LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC737LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 226
HMC737LP4 / 737LP4E
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.9 - 15.5 GHz
v00.1108
General Description
Features
Functional Diagram
The HMC737LP4(E) is a GaAs InGaP Heterojunction
Bipolar
Transistor
(HBT)
MMIC
VCO.
The
HMC737LP4(E)
integrate
a
resonator,
negative
resistance device, varactor diode and feature half
frequency output. The VCO’s phase noise performance
is excellent over temperature, shock, and process due
to the oscillator’s monolithic structure. Power output
is +9 dBm typical from a +4.2V supply voltage. The
voltage controlled oscillator is packaged in a leadless
QFN 4x4 mm surface mount package, and requires no
external matching components.
Dual Output: Fo = 14.9 - 15.5 GHz
Fo/2 = 7.45 - 7.75 GHz
Pout: +9 dBm
Phase Noise: -105 dBc/Hz @ 100 kHz
No External Resonator Needed
24 Lead 4x4mm SMT Package: 16mm2
Typical Applications
The HMC737LP4(E) is ideal for:
• Point to Point/Multipoint Radio
• Test Equipment & Industrial Controls
• SATCOM
• Military End-Use
Electrical Specifications, T
A = +25° C, Vcc = +4.2V
Parameter
Min.
Typ.
Max.
Units
Frequency Range
Fo
Fo/2
14.9 - 15.5
7.45 - 7.75
GHz
GHz
Power Output
RFOUT
RFOUT/2
6
-8
9
-3
13
2
dBm
dBm
SSB Phase Noise @ 100 kHz Offset, Vtune= +5V @ RFOUT
-105
dBc/Hz
Tune Voltage
Vtune
1
13
V
Supply Current
120
150
180
mA
Tune Port Leakage Current (Vtune= 13V)
10
µA
Output Return Loss
2.5
dB
Harmonics/Subharmonics
1/2
3/2
-45
-42
dBc
dBc
Pulling (into a 2.0:1 VSWR)
12
MHz pp
Pushing @ Vtune= 5V
24
MHz/V
Frequency Drift Rate
1.2
MHz/°C


Similar Part No. - HMC737LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC737LP4 HITTITE-HMC737LP4 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4E HITTITE-HMC737LP4E Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
More results

Similar Description - HMC737LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC507LP5 HITTITE-HMC507LP5 Datasheet
369Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC511LP5 HITTITE-HMC511LP5 Datasheet
356Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 9.05 - 10.15 GHz
HMC531LP5 HITTITE-HMC531LP5 Datasheet
379Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 13.6 - 14.9 GHz
HMC736LP4 HITTITE-HMC736LP4 Datasheet
221Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 14.5 - 15.0 GHz
HMC507LP5 HITTITE-HMC507LP5_11 Datasheet
454Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 6.65 - 7.65 GHz
HMC736LP4 HITTITE-HMC736LP4_10 Datasheet
372Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC737LP4 HITTITE-HMC737LP4_10 Datasheet
374Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
logo
Analog Devices
HMC529LP5 AD-HMC529LP5 Datasheet
376Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC583LP5 AD-HMC583LP5 Datasheet
368Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
HMC584LP5 AD-HMC584LP5 Datasheet
391Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com