Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC737LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC737LP4
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT 14.9 - 15.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC737LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC737LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC737LP4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 228
Absolute Maximum Ratings
Vcc
+5.5V
Vtune
0 to 15V
Junction Temperature
135 °C
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.0
140
4.2
150
4.4
160
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC737LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H737
XXXX
HMC737LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H737
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
RFOUT/2 Frequency
vs. Tuning Voltage, Vcc = +4.2V
RFOUT/2 Output Power
vs. Tuning Voltage, Vcc = +4.2V
HMC737LP4 / 737LP4E
v00.1108
MMIC VCO w/ HALF FREQUENCY OUTPUT
14.9 - 15.5 GHz
6
6.5
7
7.5
8
8.5
9
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-6
-5
-4
-3
-2
-1
0
0
123
456
7
8
9
10 11 12 13
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com