Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC758LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC758LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC758LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC758LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 345
Power Compression @ 1900 MHz [1]
HMC758LP3 / 758LP3E
v00.1108
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 700 - 2200 MHz
Power Compression @ 1900 MHz [2]
Power Compression @ 900 MHz [1]
Power Compression @ 900 MHz [2]
[1] Vdd = 5V [2] Vdd = 3V
-10
0
10
20
30
40
-20
-15
-10
-5
0
5
10
Pout
Gain
PAE
INPUT POWER (dBm)
-5
0
5
10
15
20
25
-25
-20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-5
0
5
10
15
20
25
-20
-15
-10
-5
0
5
Pout
Gain
PAE
INPUT POWER (dBm)
-10
0
10
20
30
40
-20
-15
-10
-5
0
5
10
Pout
Gain
PAE
INPUT POWER (dBm)
Vdd (V)
R1 (ohms)
R2 (ohms)
Idd (mA)
3V
390
560
102
3V
1k
1.5k
85
3V
3.3k
4.7k
54
5V
390
560
227
5V
1k
1.5k
190
5V
3.3k
4.7k
124
Max
Min
R1 (ohms)
R2 (ohms)
R1 (ohms)
R2 (ohms)
3.9k
5.6k
270
470
Recommended Bias
Resistor Values for Idd
Absolute Min/Max Bias Resistor Range
Vdd (V)
Idd (mA)
2.7
80
3102
3.3
122
4.5
200
5
227
5.5
255
Note: Amplifier will operate over full voltage range shown above.
Typical Supply Current vs.
Vdd (R1 = 390Ω, R2 = 560Ω)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com