Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC758LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC758LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC758LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC758LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC758LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 344
HMC758LP3 / 758LP3E
v00.1108
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 700 - 2200 MHz
Output IP3 and Supply Current vs.
Supply Voltage @ 900 MHz
Output IP3 vs. Output Power @ 900 MHz
[1] Measurement reference plane shown on evaluation PCB drawing.
Output IP3 vs. Temperature
Noise Figure vs. Temperature [1]
Output IP3 and Supply Current vs.
Supply Voltage @ 1900 MHz
Output IP3 vs. Output Power @ 1900 MHz
20
25
30
35
40
45
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IP3
Idd
Voltage Supply (V)
0
0.5
1
1.5
2
2.5
3
0.5
0.9
1.3
1.7
2.1
2.5
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25C
-40C
20
25
30
35
40
45
0.5
0.9
1.3
1.7
2.1
2.5
+25C
+85C
-40C
FREQUENCY (GHz)
Vdd=5V
Vdd=3V
20
25
30
35
40
45
50
100
150
200
250
300
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IP3
Idd
Voltage Supply (V)
30
32
34
36
38
40
-10
-5
0
5
10
Vdd=3V
Vdd=5V
OUTPUT POWER (dBm)
30
31
32
33
34
35
36
-10
-5
0
5
10
Vdd=3V
Vdd=5V
OUTPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com