Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3100IQT Datasheet(PDF) 10 Page - STMicroelectronics

Part # STC3100IQT
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100IQT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STC3100IQT Datasheet HTML 6Page - STMicroelectronics STC3100IQT Datasheet HTML 7Page - STMicroelectronics STC3100IQT Datasheet HTML 8Page - STMicroelectronics STC3100IQT Datasheet HTML 9Page - STMicroelectronics STC3100IQT Datasheet HTML 10Page - STMicroelectronics STC3100IQT Datasheet HTML 11Page - STMicroelectronics STC3100IQT Datasheet HTML 12Page - STMicroelectronics STC3100IQT Datasheet HTML 13Page - STMicroelectronics STC3100IQT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Functional description
STC3100
10/21
The conversion cycle for n bit resolution is 2n clock cycles. Using the 32,768 Hz internal
clock, the conversion cycle time is 125 to 500 ms for a 12- to 14-bit resolution. The LSB
value is set by the internal gain and internal reference and is 11.77 uV at maximum
resolutions. When using an external 30 milliOhms sense resistor, the 28-bit accumulator
results in a capacity of approximately +/- 7300 mA.h. The upper 16 bits of the accumulator
can be read from the I2C interface, giving a resolution of 0.2 mA.h.
When the battery voltage falls below the under voltage lockout threshold at 2.7 V, the gas
gauge system is stopped and the STC3100 stays in standby mode with minimum quiescent
current. All registers are maintained down to 2.0 V. Below 2.0 V, the registers are reset to
their default power-on value.
The gas gauge system needs an accurate 32,768 Hz timebase to compute the level of
charge flowing from/to the battery. The STC3100 can operate from an internal oscillator, or
use an external RTC signal for highest accuracy.
7.2
Battery voltage and temperature monitoring
The battery voltage and chip temperature (close to the battery temperature) are measured
by means of an A/D converter and a multiplexer. This function takes place concurrently to
the gas gauge function with a dedicated A/D converter, which means that it does not affect
the performance of the gas gauge. To reduce the power consumption, a conversion takes
place only every two seconds, alternatively for battery voltage and temperature (so each
value is refreshed every four seconds).
The conversion cycle takes 213 = 8192 clock cycles. Using the 32,768 Hz internal clock, the
conversion cycle time is 250 ms. The resolution is 2.44 mV for the battery voltage and
0.125° C for the temperature.
7.3
General-purpose input/output
A general-purpose I/O line is available. The output is an open drain, and an external pull-up
resistor may be needed in the application. Writing the IO0DATA bit to 0 forces the IO0 output
low; writing the IO0DATA bit to 1 leaves the IO0 output in a high impedance state. Reading
the IO0DATA bit gives the state of the IO0 pin.
In standby (CG_RUN=0), reset (PORDET set to 1) and power-down (Vcc<UVLOth) states,
the IO0 output is open and the input is read as zero whatever is the actual state of the IO0
pin.
7.4
RAM registers
The STC3100 provides 32 RAM registers to store any information regarding battery status,
charge cycles, battery aging, proprietary informations, etc...
The register content is maintained during standby and low voltage states, down to the
power-on reset level of approximately 2.0 V. Below this level, the content is not preserved.
This usually means that the Li-Ion cell was very deeply discharged and has been damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com