Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC3100IQT Datasheet(PDF) 14 Page - STMicroelectronics

Part # STC3100IQT
Description  Battery monitor IC with Coulomb counter/gas gauge
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3100IQT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STC3100IQT Datasheet HTML 10Page - STMicroelectronics STC3100IQT Datasheet HTML 11Page - STMicroelectronics STC3100IQT Datasheet HTML 12Page - STMicroelectronics STC3100IQT Datasheet HTML 13Page - STMicroelectronics STC3100IQT Datasheet HTML 14Page - STMicroelectronics STC3100IQT Datasheet HTML 15Page - STMicroelectronics STC3100IQT Datasheet HTML 16Page - STMicroelectronics STC3100IQT Datasheet HTML 17Page - STMicroelectronics STC3100IQT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
I2C interface
STC3100
14/21
8.2
Register map
The register space provides 12 control registers, 8 read-only (factory OTP) registers for
unique device ID and 32 read/write general-purpose RAM registers. Mapping of all registers
is shown in Table 9. Detailed descriptions of registers 0 (REG_MODE) and 1 (REG_CTRL)
are shown in Table 10 and Table 11. All registers are reset to default values at power-on or
reset, and the PORDET bit in register REG_CTRL is used to indicate the occurrence of a
power-on reset.
Table 9.
Register map
Name
Address
(decimal)
Type
Description
Control registers
0 to 23
REG_MODE
0
R/W
Mode register
REG_CTRL
1
R/W
Control and status register
REG_CHARGE_LOW
2
R
Gas gauge charge data, bits 0-7
REG_CHARGE_HIGH
3
R
Gas gauge charge data, bits 8-15
REG_COUNTER_LOW
4
R
Number of conversions, bits 0-7
REG_COUNTER_HIGH
5
R
Number of conversions, bits 8-15
REG_CURRENT_LOW
6
R
Battery current value, bits 0-7
REG_CURRENT_HIGH
7
R
Battery current value, bits 8-15
REG_VOLTAGE_LOW
8
R
Battery voltage value, bits 0-7
REG_VOLTAGE_HIGH
9
R
Battery voltage value, bits 8-15
REG_TEMPERATURE_LOW
10
R
Temperature value, bits 0-7
REG_TEMPERATURE_HIGH
11
R
Temperature value, bits 8-15
Device ID registers
24 to 31
REG_ID0
24
R
Part type ID = 10h
REG_ID1
25
R
Unique part ID, bits 0-7
REG_ID2
26
R
Unique part ID, bits 8-15
REG_ID3
27
R
Unique part ID, bits 16-23
REG_ID4
28
R
Unique part ID, bits 24-31
REG_ID5
29
R
Unique part ID, bits 32-39
REG_ID6
30
R
Unique part ID, bits 40-47
REG_ID7
31
R
Device ID CRC
RAM registers
32 to 63
REG_RAM0
32
R/W
General-purpose RAM register 0
...
...
...
REG_RAM31
63
R/W
General-purpose RAM register 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com