Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-335 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-335
Description  SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-335 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-335 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-335 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-335 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
SPDT Switch with Integral CMOS Driver
800 - 2000 MHz
Rev. V5
SW-335
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
Low Cost Plastic SOIC-8 Package
Integral TTL / CMOS Compatible Driver
Matched Input and Output
Low Distortion: > 40 dBm IP3 @ 900 MHz and > 62
dBm IP2 @ 900 MHz
Low DC Current: < 1.5 mA Typical Per Supply
Description
M/A-COM’s SW-335 is a terminated GaAs MMIC
SPDT with an on-chip TTL / CMOS driver in a low-
cost, SOIC 8-lead plastic package. The SW-335 is
ideally suited for use in applications where low
power consumption and small size are required.
Typical applications include switch matrices, filter
banks, and general switching applications, in
systems such as cellular, PCN / PCS, GPS and 900
MHz ISM band applications.
The SW-335 is fabricated using a monolithic GaAs
MMIC using a mature 1 micron process.
The
process features full passivation for increased
performance and reliability.
Ordering Information
1
Absolute Maximum Ratings
7,8
7. Exceeding any one or combination of these limits may cause
permanent damage to this device.
8. M/A-COM does not recommend sustained operation near
these survivability limits.
Functional Schematic
Pin Configuration
Truth Table
3,4,5,6
Part Number
Package
SW-335-PIN
SOIC-8 Lead Package
SW-335TR
Forward Tape and Reel
SW-335SMB
Sample Test Board
TTL/CMOS
RFC-RF1
RFC-RF2
1
Off
On
0
On
Off
Control Inputs
3. Logic 0 = 0 to 1 V
4. Logic 1 = 3.5 to 5 V, 10
μA typical.
5. VDD = 5 + 0.5 V @ <1.5 mA typical.
6. VGG = -5 + 0.25 V @ < 1.5 mA
Parameter
Absolute Maximum
RF Input Power
+31 dBm
Max. Control Voltages
VDD
VGG
VCTL Maximum
VCTL Minimum
+6 VDC
-6 VDC
+6 VDC
-1 VDC
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Pin No.
Function
Description
1
GND
RF Ground
2
RFC
RF In/Out
3
TTL
Transistor Logic
4
GND
RF Ground
5
RF1
RF In/Out
6
VGG
Gate Voltage
7
VDD
Drain Voltage
8
RF2
RF In/Out
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - SW-335

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-335 MACOM-SW-335 Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-335 MA-COM-SW-335 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-335PIN MACOM-SW-335PIN Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-335RTR MACOM-SW-335RTR Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-335TR MACOM-SW-335TR Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
More results

Similar Description - SW-335

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
SW-132 MACOM-SW-132 Datasheet
100Kb / 2P
SPDT RF Switch 200 - 2000 MHz
SW-217 MACOM-SW-217 Datasheet
73Kb / 2P
GaAs SPDT Switch 5 - 2000 MHz
SW-335 MACOM-SW-335 Datasheet
375Kb / 2P
SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
SW-112-PIN MACOM-SW-112-PIN Datasheet
135Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-233-PIN MACOM-SW-233-PIN Datasheet
144Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-241-PIN MACOM-SW-241-PIN Datasheet
142Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
SW-261-PIN MACOM-SW-261-PIN Datasheet
131Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
logo
M/A-COM Technology Solu...
SW-112-PIN MA-COM-SW-112-PIN Datasheet
54Kb / 3P
SPDT RF Switch, 20 - 2000 MHz
SW-233-PIN MA-COM-SW-233-PIN Datasheet
61Kb / 3P
Matched GaAs SPDT Switch, 5 - 2000 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com