Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-335 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-335
Description  SPDT Switch with Integral CMOS Driver 800 - 2000 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-335 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-335 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-335 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-335 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
SPDT Switch with Integral CMOS Driver
800 - 2000 MHz
Rev. V5
SW-335
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
9,10: T
A = +25°C, VDD = 5.0 V, VGG = -5.0 V
SOIC-8
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
800-2000 MHz
dB
0.9
1.1
Isolation
800-1000 MHz
1000-1500 MHz
1500-2000 MHz
dB
dB
dB
35
35
30
45
38
32
VSWR
800-1000 MHz
1000-2000 MHz
Ratio
Ratio
1.2:1
1.2:1
1.3:1
1.3:1
1 dB Compression
900 MHz
dBm
29
TRISE, TFALL
TON, TOFF
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, Control to 10% RF
In-Band
ns
ns
mV
75
200
20
Input IP2
2-tone, 10 dBm (13 dBm total)
900 MHz
dBm
40
45
Input IP3
2-tone, 10 dBm (13 dBm total)
900 MHz
dBm
62
70
Current
VDD @ 5.0 V
VGG @ -5.0 V
VCTL @ 0 V
VCTL @ 5.0 V
mA
mA
µA
µA
1.1
-0.8
-5
10
1.5
-1.5
-10
20
9. All measurements are in a 50 Ω system.
10. DC Blocks required on RF ports.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com