Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-369-PIN Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # SW-369-PIN
Description  Matched GaAs SP4T Switch, 0.02 - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-369-PIN Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  SW-369-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Matched GaAs SP4T Switch,
0.02 - 2 GHz
Rev. V3
SW-369-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = -55°C to +85°C
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Insertion Loss
—
0.02 - 2.0 GHz
0.02 - 1.0 GHz
0.02 - 0.5 GHz
dB
dB
dB
2.8
2.4
1.8
—
—
—
—
—
—
VSWR
Common, RF1 - RF4 On
0.2 - 2.0 GHz
0.2 - 1.0 GHz
0.2 - 0.5 GHz
0.1 - 0.2 GHz
0.02 - 0.1 GHz
Ratio
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
—
—
2.0:1
1.6:1
1.5:1
1.5:1
1.4:1
VSWR
RF1 - RF4 Off
0.2 - 2.0 GHz
0.2 - 1.0 GHz
0.2 - 0.5 GHz
0.1 - 0.2 GHz
0.02 - 0.1 GHz
Ratio
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
—
—
2.0:1
1.6:1
1.5:1
1.7:1
Not
Specified
Isolation
—
0.02 - 2.0 GHz
0.02 - 1.0 GHz
0.02 - 0.5 GHz
dB
dB
dB
40
45
50
—
—
—
—
—
—
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF
50% CTL to 90/10% RF
In-band
—
—
—
nS
nS
mV
—
—
—
3.0
180
150
—
—
—
1 dB Compression
Input Power
0.5 - 2.0 GHz
0.05 GHz
dBm
dBm
—
—
+23
+17
—
—
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
IP2
For two tone input power up to +5 dBm
0.5 - 2.0 GHz
0.05 GHz
dBm
dBm
—
—
+72
+50
—
—
IP3
For two tone input power up to +5 dBm
0.5 - 2.0 GHz
0.05 GHz
dBm
dBm
—
—
+44
+40
—
—
Bias Power
+5 VDC
—
mA
—
—
2
Vin Low (0)
Vin High (1)
0.0 to 1.5V
3.5 to 5.0V
—
—
µA
µA
—
—
—
—
1
1
1. All specifications apply when operated with bias voltages of 0 and +5 VDC and 50 ohm impedance at all RF Ports.
2. Contact the factory for standard or customer screening requirements.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com