Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-369-PIN Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # SW-369-PIN
Description  Matched GaAs SP4T Switch, 0.02 - 2 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-369-PIN Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  SW-369-PIN Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-369-PIN Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Matched GaAs SP4T Switch,
0.02 - 2 GHz
Rev. V3
SW-369-PIN
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss
VSWR
Isolation
Pin Configuration
Pin No.
Description
Pin No.
Description
1
RF1
11
RF2
2
GND
12
GND
3
GND
13
GND
4
GND
14
+5 VDC
5
RF Common
15
CMOS 2
6
GND
16
CMOS 1
7
GND
17
N/C
8
GND
18
GND
9
GND
19
GND
10
RF4
20
RF3
0.0
0.5
1.0
1.5
2.0
2.5
0.020
0.50
1.00
1.50
2.00
F requency (M Hz)
1.0
1.2
1.4
1.6
1.8
2.0
0 .0 2 0
0 .50
1.0 0
1.50
2 .0 0
F r e q ue nc y ( M H z )
On S t a t e
Of f S t a t e
30
40
50
60
70
80
0.020
0.50
1.00
1.50
2.00
F r e q ue nc y ( M H z )
CMOS 2
RF Common
RF4
RF3
RF2
RF1
CMOS 1
+5V
Functional Schematic (Top View)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com