Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K6U6 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8L151K6U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K6U6 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8L151K6U6 Datasheet HTML 93Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 94Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 95Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 96Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 97Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 98Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 99Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 100Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 101Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 101 page
background image
STM8L151xx, STM8L152xx
Package characteristics
Doc ID 15962 Rev 2
97/101
Figure 25.
VFQFPN48 7 x 7 mm, 0.5 mm pitch, package
outline(1)(2)
Figure 26.
Recommended footprint
(dimensions in mm)(1)
1.
Drawing is not to scale.
2.
The exposed pad must be soldered to the PCB. It is recommended to connect it to VSS.
Seating
plane
A3
A1
A2
A
D
e
e
E2
b
E
L
L
D2
b
V0_ME
C
12
13
24
25
36
37
1
48
7.30
7.30
0.20
0.30
0.55
0.50
5.80
6.20
6.20
5.60
5.60
5.80
0.75
ai15697
48
1
12
13
24
25
36
37
Table 56.
VFQFPN48 – very thin fine pitch quad flat pack no-lead 7 × 7 mm, 0.5 mm
pitch package mechanical data(1)
Symbol
millimeters
inches(2)
Typ
Min
Max
Typ
Min
Max
A(1)
0.900
0.800
1.000
0.0354
0.0315
0.0394
A1
0.020
0.050
0.0008
0.0020
A2
0.650
1.000
0.0256
0.0394
A3
0.250
0.0098
b
0.230
0.180
0.300
0.0091
0.0071
0.0118
D
7.000
6.850
7.150
0.2756
0.2697
0.2815
D2
4.700
2.250
5.250
0.1850
0.0886
0.2067
E
7.000
6.850
7.150
0.2756
0.2697
0.2815
E2
4.700
2.250
5.250
0.1850
0.0886
0.2067
e
0.500
0.450
0.550
0.0197
0.0177
0.0217
L
0.400
0.300
0.500
0.0157
0.0118
0.0197
ddd
0.080
0.0031
1.
Thickness valid for the VFQFPN48 package in the sampling phase. In the production phase, the UFQFPN48 package will
be used with a thickness equal to 0.6 mm.
2.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com