Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K6U6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8L151K6U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K6U6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L151K6U6 Datasheet HTML 21Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 22Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 23Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 24Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 25Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 26Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 27Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 28Page - STMicroelectronics STM8L151K6U6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
STM8L151xx, STM8L152xx
Pin description
Doc ID 15962 Rev 2
25/101
Legend / Abbreviations for Table 4:
Type:
I = input, O = output, S = power supply
I/O level:
FT = 5 V tolerant
Input level:
CM = CMOS
Output level:
HS = High sink/source (20 mA)
Port and control configuration:
●
Input:
float = floating, wpu = weak pull-up
●
Output:
T= true open drain, OD = open drain, PP = push-pull
Reset state is shown in bold.
Table 4.
STM8L15x pin description
Pin
number
Pin name
Input
Output
Default alternate function
2
1
1 NRST/PA1(1)
I/O
HS
X
X Reset
PA1
32
2
PA2/OSC_IN/
[USART1_TX](3)/
[SPI1_MISO] (3)
I/O
X
XX
HS
X
X Port A2
HSE oscillator input / [USART1
transmit] / [SPI1 master in- slave
out] /
43
3
PA3/OSC_OUT/[USART1
_RX](3)/[SPI1_MOSI](3)
I/O
X
XX
HS
X
X Port A3
HSE oscillator output / [USART1
receive]/ [SPI1 master out/slave
in]/
5-
-
PA4/TIM2_BKIN/
LCD_COM0(2)/ADC1_IN2/
COMP1_INP
I/O
X
XX
HS
X
X Port A4
Timer 2 - break input /
LCD COM 0 / ADC1 input 2 /
Comparator 1 positive input
-4
4
PA4/TIM2_BKIN/
[TIM2_TRIG](3)/
LCD_COM0(2)/
ADC1_IN2/COMP1_INP
I/O
X
XX
HS
X
X Port A4
Timer 2 - break input /
[Timer 2 - trigger] / LCD_COM 0 /
ADC1 input 2 /
Comparator 1 positive input
6-
PA5/TIM3_BKIN/
LCD_COM1(2)/ADC1_IN1/
COMP1_INP
I/O
X
XX
HS
X
X Port A5
Timer 3 - break input /
LCD_COM 1 / ADC1 input 1/
Comparator 1 positive input
-5
5
PA5/TIM3_BKIN/
[TIM3_TRIG](3)/
LCD_COM1(2)/ADC1_IN1/
COMP1_INP
I/O
X
XX
HS
X
X Port A5
Timer 3 - break input / [Timer 3 -
trigger] / LCD_COM 1 /
ADC1 input 1 /
Comparator 1 positive input
76
-
PA6/[ADC1_TRIG](3)/
LCD_COM2(2)/ADC1_IN0/
COMP1_INP
I/O
X
XX
HS
X
X Port A6
[ADC1 - trigger] / LCD_COM2 /
ADC1 input 0 /
Comparator 1 positive input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com