Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151G6U6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8L151G6U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151G6U6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8L151G6U6 Datasheet HTML 59Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 60Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 61Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 62Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 63Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 64Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 65Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 66Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
63/101
Table 18.
Total current consumption in Wait mode(1)
Symbol Parameter
Conditions(2)
Typ
Max
Unit
55°C
85 °C
(3)
105 °C
(4)
125 °C
(4)
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash
switched OFF,
VDD from
1.65 V to 3.6 V
HSI
fCPU = 125 kHz 430 TBD
TBD
TBD
TBD
µA
fCPU = 1 MHz
450
TBD
TBD
TBD
TBD
fCPU = 4 MHz
515
TBD
TBD
TBD
TBD
fCPU = 8 MHz
600
TBD
TBD
TBD
TBD
fCPU = 16 MHz
770
TBD
TBD
TBD
TBD
HSE crystal
oscillator
(16 MHz)
fCPU = 125 kHz TBD TBD
TBD
TBD
TBD
fCPU = 1 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 4 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 8 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 16 MHz TBD TBD TBD
TBD
TBD
LSI
fCPU = LSI
32
LSE crystal
oscillator
(32.768 kHz)
fCPU = LSE
TBD TBD
TBD
TBD
TBD
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from Flash,
VDD from
1.65 V to 3.6 V
HSI
fCPU = 125 kHz 480 TBD TBD
TBD
TBD
µA
fCPU = 1 MHz
500
TBD
TBD
TBD
TBD
fCPU = 4 MHz
560
TBD
TBD
TBD
TBD
fCPU = 8 MHz
660
TBD
TBD
TBD
TBD
fCPU = 16 MHz
840
TBD
TBD
TBD
TBD
HSE crystal
oscillator
(16 MHz)
fCPU = 125 kHz TBD TBD TBD
TBD
TBD
fCPU = 1 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 4 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 8 MHz
TBD TBD
TBD
TBD
TBD
fCPU = 16 MHz TBD TBD
TBD
TBD
TBD
LSI
fCPU = LSI
83
LSE crystal
oscillator
(32.768 kHz)
fCPU = LSE
TBD TBD
TBD
TBD
TBD
1.
Based on characterization results, unless specified
2.
All peripherals OFF, VDD from 1.65 V to 3.6 V, HSI internal RC osc. , fCPU = fSYSCLK
3.
For temperature range 6.
4.
For temperature range 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com