Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151G6U6 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM8L151G6U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151G6U6 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM8L151G6U6 Datasheet HTML 80Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 81Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 82Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 83Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 84Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 85Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 86Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 87Page - STMicroelectronics STM8L151G6U6 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
84/101
Doc ID 15962 Rev 2
8.3.12
12-bit DAC characteristics
tdf
Propagation delay in fast
mode(2)
1.65 V to 2.7 V
TBD
TBD
µs
2.7 V to 3.6 V
TBD
TBD
tds
Propagation delay in slow
mode(2)
1.65 V to 2.7 V
TBD
TBD
µs
2.7 V to 3.6 V
TBD
TBD
Voffset
Comparator offset error
1.65 V to 2.7 V
TBD
TBD
mV
2.7 V to 3.6 V
TBD
TBD
IDD(CMP2F) Consumption in fast mode
1.65 V to 2.7 V
TBD
TBD
µA
2.7 V to 3.6 V
TBD
TBD
IDD(CMP2S) Consumption in slow mode
1.65 V to 2.7 V
TBD
TBD
µA
2.7 V to 3.6 V
TBD
TBD
1.
Data guaranteed by design, not tested in production.
2.
The delay is characterized for 100 mV input step with 10 mV overdrive on the inverting input, the non-
inverting input set to the reference.
Table 43.
Comparator 2 characteristics
Symbol
Parameter
Conditions
Min (1)
Typ
Max(1)
Unit
Table 44.
DAC characteristics, output on PF0(1)
Symbol
Parameter
Conditions
Min (2)
Typ
Max(1)
Unit
VDDA
Analog supply voltage
1.8
3.6
V
VREF+
Reference supply voltage
1.8
3.6
V
TA
Temperature range
-40
125
°C
IVDDA
Current on VDDA supply
No load, middle code
0x800 on the inputs
370
TBD
µA
No load, worst code
0xF1C @ VREF+=3.6V
on the inputs
500
TBD
IVREF+
Current on VREF+ supply
210
TBD
RL
Resistive load(3)
DACOUT buffer ON
5
k
Ω
RO
Output impedance
DACOUT buffer OFF
TBD
k
Ω
CL
Capacitive load(4)
50
pF
DAC_OUT
DAC_OUT voltage(5)
DACOUT buffer ON
0.2
VREF+-0.2
V
DACOUT buffer OFF
0
VREF+
V
DNL
Differential non linearity(6)
RL ≥5kΩ, CL≤50 pF
DACOUT buffer ON
± 1
TBD
12-bit
LSB
CL≤50 pF
DACOUT buffer OFF
-TBD
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com