Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8L101F3T6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8L101F3T6 Datasheet HTML 18Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 19Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 20Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 21Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 22Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 23Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 24Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 25Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Pin description
STM8L101xx
22/77
Doc ID 15275 Rev 7
Warning:
For the STM8L101F2U6ATR, STM8L101F3U6ATR,
STM8L101G2U6ATR and STM8L101G3U6ATR part numbers
(devices with COMP_REF pin), all ports available on 32-pin
packages must be considered as active ports. To avoid
spurious effects, you have to configure them as input pull-up.
A small increase in consumption (typ. < 300 µA) may occur
during the power up and reset phase until these ports are
properly configured .
-
-
-
27 27 31
PC6
I/O X
XX
HS
X
X
Port C6
20
20
3
28 28 32
PA0/SWIM/BEEP/
IR_TIM (4)
I/O X
XX
HS(
4)
XX
Port A0
SWIM input and out-
put /Beep out-
put/Timer Infrared
output
1.
Please refer to the warning below.
2.
When the PA1/NRST pin is used as general purpose (PA1), it can be configured only as output open-drain or push-pull, not
as a general purpose input. Refer to Section 7.1.2: Configuring NRST/PA1 pin as general purpose output.
3.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer and protection diode to VDD are not
implemented).
4.
High sink LED driver capability available on PA0.
Table 4.
STM8L101xx pin description (continued)
Pin number
Pin name
Input
Output
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com