Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3T6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM8L101F3T6
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3T6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM8L101F3T6 Datasheet HTML 23Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 24Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 25Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 26Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 27Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 28Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 29Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 30Page - STMicroelectronics STM8L101F3T6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
STM8L101xx
Memory and register map
Doc ID 15275 Rev 7
27/77
0x00 521E
to
0x00 522F
Reserved area (18 bytes)
0x00 5230
USART
USART_SR
USART Status Register
0xC0
0x00 5231
USART_DR
USART Data Register
0xXX
0x00 5232
USART_BRR1
USART Baud Rate Register 1
0x00
0x00 5233
USART_BRR2
USART Baud Rate Register 2
0x00
0x00 5234
USART_CR1
USART Control Register 1
0x00
0x00 5235
USART_CR2
USART Control Register 2
0x00
0x00 5236
USART_CR3
USART Control Register 3
0x00
0x00 5237
USART_CR4
USART Control Register 4
0x00
0x00 523B
to
0x00 524F
Reserved area (21 bytes)
Table 7.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com