Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC640X-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC640X-E/P
Description  64K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640X-E/P Datasheet(HTML) 1 Page - Microchip Technology

  25LC640X-E/P Datasheet HTML 1Page - Microchip Technology 25LC640X-E/P Datasheet HTML 2Page - Microchip Technology 25LC640X-E/P Datasheet HTML 3Page - Microchip Technology 25LC640X-E/P Datasheet HTML 4Page - Microchip Technology 25LC640X-E/P Datasheet HTML 5Page - Microchip Technology 25LC640X-E/P Datasheet HTML 6Page - Microchip Technology 25LC640X-E/P Datasheet HTML 7Page - Microchip Technology 25LC640X-E/P Datasheet HTML 8Page - Microchip Technology 25LC640X-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21223H-page 1
25AA640/25LC640
Device Selection Table
Features:
• Low-Power CMOS Technology
- Write current: 3 mA, typical
- Read current: 500
μA, typical
- Standby current: 500 nA, typical
• 8192 x 8 Bit Organization
• 32 Byte Page
• Write Cycle Time: 5 ms max.
• Self-Timed Erase and Write Cycles
• Block Write Protection
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection
- Power on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability
- Data retention: > 200 years
- ESD protection: > 4000V
• 8-pin PDIP, SOIC and TSSOP Packages
• Temperature Ranges Supported:
- Industrial (I): -40
°C to +85°C
- Automotive (E): -40
°C to +125°C
Description:
The Microchip Technology Inc. 25AA640/25LC640
(25XX640*) is a 64 Kbit Serial Electrically Erasable
PROM [EEPROM]. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
Block Diagram
Package Types
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
25AA640
1.8-5.5V
1 MHz
I
25LC640
2.5-5.5V
2 MHz
I
25LC640
4.5-5.5V
3/2.5 MHz
I, E
SI
SO
SCK
CS
HOLD
WP
I/O Control
Memory
Control
Logic
HV Generator
EEPROM
Array
Page
Y Decoder
Sense Amp.
R/W Control
Logic
VCC
VSS
Latches
XDEC
STATUS
Register
PDIP/SOIC
TSSOP
CS
SO
WP
VSS
VCC
HOLD
SCK
SI
8
7
6
5
1
2
3
4
8
7
6
5
1
2
3
4
HOLD
VCC
CS
SO
SCK
SI
VSS
WP
64K SPI Bus Serial EEPROM
*25XX640 is used in this document as a generic part number for the 25AA640/25LC640 devices.
Not recommended for new designs –
Please use 25AA640A or 25LC640A.


Similar Part No. - 25LC640X-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640X-E/P MICROCHIP-25LC640X-E/P Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
More results

Similar Description - 25LC640X-E/P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
64K SPI Bus Serial EEPROM
1997
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com