Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC640X-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 25LC640X-E/P
Description  64K SPI Bus Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640X-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 25LC640X-E/P Datasheet HTML 9Page - Microchip Technology 25LC640X-E/P Datasheet HTML 10Page - Microchip Technology 25LC640X-E/P Datasheet HTML 11Page - Microchip Technology 25LC640X-E/P Datasheet HTML 12Page - Microchip Technology 25LC640X-E/P Datasheet HTML 13Page - Microchip Technology 25LC640X-E/P Datasheet HTML 14Page - Microchip Technology 25LC640X-E/P Datasheet HTML 15Page - Microchip Technology 25LC640X-E/P Datasheet HTML 16Page - Microchip Technology 25LC640X-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21223H-page 13
25AA640/25LC640
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code). For marking beyond this, certain price adders apply. Please
check with your Microchip Sales Office.
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
25LC640
/P017
0410
25LC640
I/SN0410
017
8-Lead TSSOP
Example:
XXXX
YYWW
NNN
5LCX
0410
017
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com