Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM50TL-24NF Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM50TL-24NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TL-24NF Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM50TL-24NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb. 2009
3
MITSUBISHI IGBT MODULES
CM50TL-24NF
HIGH POWER SWITCHING USE
PERFORMANCE CURVES
10–2
7
5
3
2
10–1
7
5
3
2
100
7
5
3
2
101
7
5
3
2
102
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Tj = 25
°C
11
12
10
9
VGE =
20V
15
13
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
VGE = 15V
Tj = 25
°C
Tj = 125
°C
10
8
6
4
2
0
20
12
14
68
10
16
18
GATE-EMITTER VOLTAGE VGE (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
Tj = 25
°C
IC = 50A
IC = 100A
IC = 20A
012
4
35
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
EMITTER-COLLECTOR VOLTAGE VEC (V)
Tj = 25
°C
Tj = 125
°C
10–1 2
100
35 7
2
101
35 7
2
102
35 7
CAPACITANCE–VCE
CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
Cies
Coes
Cres
VGE = 0V
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
100
101
2
3
5
7
102
2
3
5
7
103
2
3
5
7
100
101
57
102
23
5
7
23
HALF-BRIDGE
SWITCHING CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
Conditions:
VCC = 600V
VGE =
±15V
RG = 6.3
Ω
Tj = 125
°C
Inductive load
td(on)
td(off)
tf
tr
20
40
60
80
100
02468
10
0
4
3
2
1
020
60
100
40
80
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com