Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP400FC Datasheet(PDF) 5 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 5 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
5
COMMON MODE REJECTION
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
1
10
100
1K
10K 100K
OUTPUT VOLTAGE SWING
0
2
4
6
8
10
12
0
50
100
150
200
PEAK TO PEAK LOAD CURRENT (mA)
+V
S SIDE DROP
-V
S SIDE DROP
0
50
75
100
CASE TEMPERATURE, T
C (°C)
4
2
0
25
6
AMPLIFIER INTERNAL POWER DERATING
8
16
10
12
14
+V
S
100
1K
10K
FREQUENCY, (Hz)
40
20
0
60
POWER SUPPLY REJECTION
100
80
-V
S
0
4
6
8
10
RESISTOR ()
80
40
0
2
120
CURRENT LIMIT
160
-V
S
+V
S
12
14
GAIN = -100
1
100
1000
FREQUENCY, (KHz)
200
150
100
50
0
300
250
POWER RESPONSE
350
GAIN = -50
10
NO COMPENSATION
0
50
75
100
CASE TEMPERATURE, T
C (°C)
20
10
0
25
30
SMPS POWER DERATING
40
70
50
60
SMPS CURRENT VS. SMPS VOLTAGE
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
BOOST SUPPLY VOLTAGE, V
B (V)
Limit of L
FIN filter inductor,
and MP400 amplifier.
C
BOOST = 470uF
50
300
250
200
150
100
350
EFFICIENCY Vs. SMPS CURRENT
55
60
65
70
0.05
0.1
0.15
0.2
I
O
V
IN = 48V
V
B = 350V
EFFICIENCY Vs. SMPS CURRENT
50
55
60
65
70
0.05
0.1
0.15
0.2
I
O
V
IN = 24V
V
B = 240V
EFFICIENCY Vs. SMPS CURRENT
55
60
65
70
0.05
0.1
0.15
0.2
V
IN = 12V
V
B = 120V
I
O
tyPical PerForMance GraPhs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com