Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP400FC Datasheet(PDF) 1 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 1 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
1
MP400
General DescriPtion
The MP400FC combines a high voltage, high speed
precision power op amp with a supply voltage boost
function in an integrated thermally conductive mod-
ule. The voltage boost function uses a switch mode
power supply (SMPS) to boost the input power supply
voltage. This allows the user the benefits of using his
standard 12 V or 24 V buss without the need to de-
sign a high voltage supply to power the op amp. The
SMPS voltage is adjustable from 50-350 V, allowing for
op amp output voltages up to 340 V. External phase
compensation provides the user with the flexibility to
tailor gain, slew rate and bandwidth for a specific ap-
plication. The unique design of this amplifier provides
extremely high slew rates in pulse applications while
maintaining low quiescent current. The output stage is
well protected with a user defined current limit. Safe
Operating Area (SOA) must be observed for reliable
operation.
FeatUres
♦ Low Cost
♦ Wide Common Mode Range
♦ Standard Supply Voltage
♦ Single Supply: 10 V to 50 V
♦ Output Current - 150 mA Continuous
♦ Output Voltage 50-350 V
♦ 350 V/µS Slew Rate
♦ 200 kHz Power Bandwidth
applications
♦ Piezoelectric positioning and Actuation
♦ Electrostatic Deflection
♦ Deformable Mirror Actuators
♦ Chemical and Biological Stimulators
15
12
13
14
21
24
25
23
22
28 29 30 31 32 33
27
26
34
40
39
41
36
1
2
42
38
37
4
8
C8
AMP
R19
C6
R15
R14
R8
D1
Q2
L1
SMPS
CONTROLLER
R17
R7
Rset
Power GND
35
L2
6
Vbias
Vin (10V to 50V)
Analog
GND
-Vs
+IN
-IN
Vboost
LFin
+Vs
Cr+
Cc+
Out
Ilim
Cc-
Cr-
Power Operational Amplifiers
MP400FC
P r o d u c t I n n o v a t i o n F r o m
eqUivalent circUit DiaGraM
Copyright © Cirrus Logic, Inc. 2009
(All Rights Reserved)
http://www.cirrus.com
aUG 2009
APEX − MP400UREVE


Similar Part No. - MP400FC

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MP400FC CIRRUS-MP400FC Datasheet
751Kb / 8P
Power Operational Amplifiers
More results

Similar Description - MP400FC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com