Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4GP030 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4GP030
Description  GaAs PIN Diode Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4GP030 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4GP030 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
6
RoHS Compliant
Rev. V1
GaAs PIN Diode Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Die Handling and Mounting Information
Handling: All semiconductor chips should be handled with care to avoid damage or contamination
from perspiration, salts, and skin oils. The use of plastic tipped tweezers or vacuum pickups is
strongly recommended for individual components. Bulk handling should ensure that abrasion and
mechanical shock are minimized.
Die Attach Surface: Die can be mounted with an 80Au/Sn20, eutectic solder preform or electrically
conductive silver epoxy. The metal RF and D.C. ground plane mounting surface must be free of con-
tamination and should have a surface flatness of < ±0.002”.
Eutectic Die Attachment Using Hot Gas Die Bonder: A work surface temperature of 255oC is
recommended. When hot forming gas is applied, the work area temperature should be approximately
290
oC. The chip should not be exposed to temperatures greater than 320oC for more than 10
seconds.
Eutectic Die Attachment Using Reflow Oven: See Application Note M541, “Bonding and Handling
Procedures for Chip Diode Devices” at www.macom.com for recommended time-temperature profile.
Electrically Conductive Epoxy Die Attachment: A controlled amount of electrically conductive,
silver epoxy, approximately 1–2 mils in thickness, should be used to minimize ohmic and thermal
resistance. A thin epoxy fillet should be visible around the perimeter of the chip after placement to
ensure full area coverage. Cure conductive epoxy per manufacturer’s schedule. Typically 150°C for
1 hour.
Wire and Ribbon Bonding: It is recommended that thermo-compression or thermo-sonic bonding
be used with little or no ultrasonics. The bonding tool and wire or ribbon used should be smaller than
the anode contact diameter. A bonder heat stage temperature setting of 200
oC, tool tip temperature
of 150°C and a force of 18 to 50 grams is suggested. If ultrasonic scrubbing is necessary it should be
adjusted to the minimum required to achieve a good bond. Excessive energy may cause the anode
metallization to separate from the chip.
For more detailed handling and assembly instructions, see Application Note M541,
“Bonding and Handling Procedures for Chip Diode Devices” at www.macom.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com