Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4GP030 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MA4GP030
Description  GaAs PIN Diode Chips
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4GP030 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MA4GP030 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4GP030 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
RoHS Compliant
Rev. V1
GaAs PIN Diode Chips
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
The GaAs Chip specifications shown in the table on page 2 are for the stand alone die, package style 277. Note that the
table lists the bare die junction capacitance and that the total capacitance for the base part in an alternative package will
differ. The total capacitance in an alternative package can be computed by adding the capacitance shown in the table
on page 2 to the parasitic capacitance of the alternative package as defined in the
Package Parasitic Capacitance
table below. The base part numbers are only available in the case styles shown in the
Package Availability Table
below. To order, indicate the base part number followed by a dash and the desired package style.
For example: The MA4GP030-30 is the MA4GP030 chip in the 30 style package.
Base Part Number
Available Package Styles
MA4GP022
137, 277
MA4GP030
30, 120, 276, 277, 1056
Package Availability Table
Package Parasitic Capacitance
Package Style
Cap. (pF)
30
0.18
120
0.13
137
0.13
276
0.13
277
N/A (Chip)
1056
0.20
Inductance (nH)
0.40
0.40
0.40
0.40
N/A (Chip)
0.20
B
H
A
C
F
G
D
E
Style 30
Dimension
Mils
Millimeters
A
121 ± 4
3073 ± 102
B
62 ± 2
1575 ± 51
C
215 ± 10
5461 ± 254
D
91 ± 6
2311 ± 152
E
62 ± 2
1575 ± 51
F
62 ± 2
1575 ± 51
G
20 ± 4
508 ± 102
H
81 ± 2
2057 ± 51
A
B
Style 120
Dimension
Mils
Millimeters
A
53 ± 2
1346 ± 51
B
45 ± 5
1143 ± 127
Cathode
A
B
C
D
E
G
Style 137
Dimension
Mils
Millimeters
A
100 ± 10
2540 ± 254
B
20 ± 2
508 ± 51
C
100 ± 5
2540 ± 127
D
4 ± 1
102 ± 25
E
50 max.
1270 max.
F
G
14 max.
356 max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com