Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-502E/ML Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP4651-502E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-502E/ML Datasheet(HTML) 4 Page - Microchip Technology

  MCP4651-502E/ML Datasheet HTML 1Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 2Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 3Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 4Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 5Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 6Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 7Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 8Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 4
© 2008 Microchip Technology Inc.
AC/DC CHARACTERISTICS
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40°C
≤ T
A ≤ +125°C (extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, 5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ devices.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VDD
2.7
—
5.5
V
1.8
—
2.7
V
Serial Interface only.
HVC pin Voltage
Range
VHV
VSS
—
12.5V
V
VDD ≥
4.5V
The HVC pin will be at one
of three input levels
(VIL, VIH or VIHH). (Note 6)
VSS
—VDD +
8.0V
VVDD <
4.5V
VDD Start Voltage
to ensure Wiper
Reset
VBOR
—
—
1.65
V
RAM retention voltage (VRAM) < VBOR
VDD Rise Rate to
ensure Power-on
Reset
VDDRR
(Note 9)V/ms
Delay after device
exits the reset state
(VDD > VBOR)
TBORD
—10
20
µs
Supply Current
(Note 10)
IDD
—
—
600
µA
Serial Interface Active,
HVC/A0 = VIH (or VIL) (Note 11)
Write all 0’s to Volatile Wiper 0
VDD = 5.5V, FSCL = 3.4 MHz
—
—
250
µA
Serial Interface Active,
HVC/A0 = VIH (or VIL) (Note 11)
Write all 0’s to Volatile Wiper 0
VDD = 5.5V, FSCL = 100 kHz
—
2.5
5
µA
Serial Interface Inactive,
(Stop condition, SCL = SDA = VIH),
Wiper = 0
VDD = 5.5V, HVC/A0 = VIH
Note 1:
Resistance is defined as the resistance between terminal A to terminal B.
2:
INL and DNL are measured at VW with VA = VDD and VB = VSS.
3:
MCP4XX1 only.
4:
MCP4XX2 only, includes VWZSE and VWFSE.
5:
Resistor terminals A, W and B’s polarity with respect to each other is not restricted.
6:
This specification by design.
7:
Non-linearity is affected by wiper resistance (RW), which changes significantly overvoltage and
temperature.
8:
The MCP4XX1 is externally connected to match the configurations of the MCP45X2 and MCP46X2, and
then tested.
9:
POR/BOR is not rate dependent.
10: Supply current is independent of current through the resistor network
11: When HVC/A0 = VIHH, the IDD current is less due to current into the HVC/A0 pin. See IPU specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com