Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-502E/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP4651-502E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-502E/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP4651-502E/ML Datasheet HTML 15Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 16Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 17Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 18Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 19Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 20Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 21Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 22Page - Microchip Technology MCP4651-502E/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 19
MCP453X/455X/463X/465X
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-1:
Device Current (IDD) vs. I
2C
Frequency (fSCL) and Ambient Temperature
(VDD = 2.7V and 5.5V).
FIGURE 2-2:
Device Current (ISHDN) and
VDD. (HVC = VDD) vs. Ambient Temperature.
FIGURE 2-3:
Write Current (IWRITE) vs.
Ambient Temperature.
FIGURE 2-4:
HVC Pull-up/Pull-down
Resistance (RHVC) and Current (IHVC) vs. HVC
Input Voltage (VHVC) (VDD = 5.5V).
FIGURE 2-5:
HVC High Input Entry/Exit
Threshold vs. Ambient Temperature and VDD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
400
450
-40
0
40
80
120
Temperature (°C)
3.4MHz, 5.5V
3.4MHz, 2.7V
1.7MHz, 5.5V
1.7MHz, 2.7V
400kHz, 5.5V
100kHz, 5.5V
400kHz, 2.7V
100kHz, 2.7V
0.5
1
1.5
2
2.5
3
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V
300
320
340
360
380
400
420
-40
0
40
80
120
Temperature (°C)
5.5V
0
50
100
150
200
250
23
45
6
7
89
10
VHVC (V)
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
IHVC
RHVC
0
2
4
6
8
10
12
-40
-20
0
20
40
60
80
100
120
Ambient Temperature (°C)
2.7V Exit
5.5V Exit
2.7V Entry
5.5V Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com