Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-503E/ML Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP4651-503E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-503E/ML Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP4651-503E/ML Datasheet HTML 60Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 61Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 62Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 63Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 64Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 65Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 66Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 67Page - Microchip Technology MCP4651-503E/ML Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 64
© 2008 Microchip Technology Inc.
8.2
Using Shutdown
Figure 8-3 shows a possible application circuit where
the independent terminals could be used. Disconnect-
ing the wiper allows the transistor input to be taken to
the Bias voltage level (disconnecting A and or B may be
desired to reduce system current). Disconnecting Ter-
minal A modifies the transistor input by the RBW rheo-
stat value to the Common B. Disconnecting Terminal B
modifies the transistor input by the RAW rheostat value
to the Common A. The Common A and Common B
connections could be connected to VDD and VSS.
FIGURE 8-3:
Example Application Circuit
using Terminal Disconnects.
8.3
Software Reset Sequence
At times it may become necessary to perform a Soft-
ware Reset Sequence to ensure the MCP45XX/46XX
device is in a correct and known I2C Interface state.
This technique only resets the I2C state machine.
This is useful if the MCP45XX/46XX device powers up
in an incorrect state (due to excessive bus noise, ...), or
if the Master Device is reset during communication.
Figure 8-4 shows the communication sequence to soft-
ware reset the device.
FIGURE 8-4:
Software Reset Sequence
Format.
The 1st Start bit will cause the device to reset from a
state in which it is expecting to receive data from the
Master Device. In this mode, the device is monitoring
the data bus in Receive mode and can detect the Start
bit forces an internal Reset.
The nine bits of ‘1’ are used to force a Reset of those
devices that could not be reset by the previous Start bit.
This occurs only if the MCP45XX/46XX is driving an A
bit on the I2C bus, or is in output mode (from a Read
command) and is driving a data bit of ‘0’ onto the I2C
bus. In both of these cases, the previous Start bit could
not be generated due to the MCP45XX/46XX holding
the bus low. By sending out nine ‘1’ bits, it is ensured
that the device will see a A bit (the Master Device does
not drive the I2C bus low to acknowledge the data sent
by the MCP45XX/46XX), which also forces the
MCP45XX/46XX to reset.
The 2nd Start bit is sent to address the rare possibility
of an erroneous write. This could occur if the Master
Device was reset while sending a Write command to
the MCP45XX/46XX, AND then as the Master Device
returns to normal operation and issues a Start condition
while the MCP45XX/46XX is issuing an Acknowledge.
In this case, if the 2nd Start bit is not sent (and the Stop
bit was sent) the MCP45XX/46XX could initiate a write
cycle.
The Stop bit terminates the current I2C bus activity. The
MCP45XX/46XX wait to detect the next Start condition.
This sequence does not effect any other I2C devices
which may be on the bus, as they should disregard this
as an invalid command.
Note:
This technique is documented in AN1028.
Balance
Bias
W
B
Input
Input
To base
of Transistor
(or Amplifier)
A
Common B
Common A
Note:
The potential for this erroneous write
ONLY occurs if the Master Device is reset
while sending a Write command to the
MCP45XX/46XX.
S
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
‘1’
S
P
Start
bit
Nine bits of ‘1’
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com