| Electronic Components Datasheet Search |
|
MCP4651-503E/ML Datasheet(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4651-503E/ML Datasheet(HTML) 65 Page - Microchip Technology |
|
65 / 88 page ![]() © 2008 Microchip Technology Inc. DS22096A-page 65 MCP453X/455X/463X/465X 8.4 Using the General Call Command The use of the General Call Address Increment, Decre- ment, or Write commands is analogous to the “Load” feature (LDAC pin) on some DACs (such as the MCP4921). This allows all the devices to “Update” the output level “at the same time”. For some applications, the ability to update the wiper values “at the same time may be a requirement, since they delay from writing to one wiper value and then the next may cause application issues. A possible example would be a “tuned” circuit that uses several MCP45XX/ 46XX in rheostat configuration. As the system condition changes (temperature, load, ...) these devices need to be changed (incremented/decremented) to adjust for the system change. These changes will either be in the same direction or in opposite directions. With the Potentiometer device the customer can either select the PxB terminals (same direction) or the PxA terminal(s) (opposite direction). Figure 8-6 shows that the update of six devices takes 6*TI2CDLY time in “normal” operation, but only 1*TI2CDLY time in “General Call” operation. Figure 8-5 shows two I2C bus configurations. In many cases, the single I2C bus configuration will be adequate. For applications that do not want all the MCP45XX/46XX devices to do General Call support or have a conflict with General Call commands, the multiple I2C bus configuration would be used. FIGURE 8-5: Typical Application I2C Bus Configurations. FIGURE 8-6: Example Comparison of “Normal Operation” vs. “General Call Operation” wiper Updates. Note: The application system may need to partition the I2C bus into multiple busses to ensure that the MCP45XX/46XX General Call commands do not conflict with the General Call commands that the other I2C devices may have defined. Also if only a portion of the MCP45XX/46XX devices are to require this synchronous operation, then the devices that should not receive these commands should be on the second I2C bus. Single I2C Bus Configuration Host Controller Device 1 Device 3 Device n Device 2 Device 4 Multiple I2C Bus Configuration Host Controller Device 1a Device 3a Device na Device 2a Device 4a Device 1b Device 3b Device nb Device 2b Device 4b Bus b Bus a Device 1n Device 3n Device nn Device 2n Device 4n Bus n Normal Operation General Call Operation INC POT01 INC POT02 INC POT03 INC POT04 INC POT05 INC POT06 TI2CDLY TI2CDLY TI2CDLY TI2CDLY TI2CDLY TI2CDLY = Time from one I 2C command completed to completing the next I2C command. INC POTs 01-06 INC POTs 01-06 INC POTs 01-06 INC POTs 01-06 INC POTs 01-06 INC POTs 01-06 TI2CDLY TI2CDLY TI2CDLY TI2CDLY TI2CDLY TI2CDLY TI2CDLY |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |