Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC500 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 3 Page - Microchip Technology

  TC500_08 Datasheet HTML 1Page - Microchip Technology TC500_08 Datasheet HTML 2Page - Microchip Technology TC500_08 Datasheet HTML 3Page - Microchip Technology TC500_08 Datasheet HTML 4Page - Microchip Technology TC500_08 Datasheet HTML 5Page - Microchip Technology TC500_08 Datasheet HTML 6Page - Microchip Technology TC500_08 Datasheet HTML 7Page - Microchip Technology TC500_08 Datasheet HTML 8Page - Microchip Technology TC500_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 3
TC500/A/510/514
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
TC510/TC514 Positive Supply Voltage
(VDD to GND) .........................................+10.5V
TC500/TC500A Supply Voltage
(VDD to VSS) ..............................................+18V
TC500/TC500A Positive Supply Voltage
(VDD to GND) ............................................+12V
TC500/TC500A Negative Supply Voltage
(VSS to GND)................................................-8V
Analog Input Voltage (VIN+ or VIN-) ............VDD to VSS
Logic Input Voltage...............VDD +0.3V to GND - 0.3V
Voltage on OSC:
........................... -0.3V to (VDD +0.3V) for VDD < 5.5V
Ambient Operating Temperature Range:
................................................................ 0°C to +70°C
Storage Temperature Range:............. -65°C to +150°C
† Notice:
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications:
Unless otherwise specified, TC510/TC514: VDD = +5V, TC500/TC500A: VSS = ±5V.
CAZ = CREF = 0.47 μF.
Parameters
Sym
TA = +25°C
TA = 0°C to 70°C
Units
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Analog
Resolution
60
—
—
—
—
—
μ
V
Note 1
Zero-scale Error with
Auto-zero Phase
ZSE
—
—
0.005
—
0.005
0.012
% F.S. TC500/TC510/TC514
—
—
0.003
—
0.003
0.009
TC500A
End Point Linearity
ENL
—
0.005
0.015
—
0.015
0.060
% F.S.
TC500/TC510/TC514
—
—
0.010
—
0.010
0.045
% F.S.
Note 1
, Note 2,
TC500A
Best-Case Straight
Line Linearity
NL
—
0.003
0.008
—
—
—
% F.S. TC500/TC510/TC514,
Note 1
, Note 2
—
—
0.005
—
—
—
% F.S. TC500A
Zero-scale Temp.
Coefficient
ZSTC
——
—
—
1
2
μ
V/°C
Over Operating
Temperature Range
Full-scale Symmetry
Error (Rollover Error)
SYE
—
0.01
—
—
0.03
—
% F.S.
Note 1
Full-scale
Temperature
Coefficient
FSTC
—
—
—
—
10
—
ppm/°C Over Operating
Temperature Range;
External Reference
TC = 0 ppm/°C
Input Current
IIN
—6
—
—
—
—
pA
VIN = 0V
Common Mode
Voltage Range
VCMR
VSS + 1.5
—
VDD – 1.5 VSS + 1.5
—
VDD – 1.5
V
Integrator Output
Swing
VSS + 0.9
—
VDD – 0.9 VSS + 0.9
—
VSS + 0.9
V
Analog Input Signal
Range
VSS + 1.5
—
VDD – 1.5 VSS + 1.5
—
VSS + 1.5
V
ACOM = GND = 0V
Note
1:
Integrate time
≥ 66 ms, auto-zero time ≥ 66 ms, VINT (peak) ≈ 4V.
2:
End point linearity at ±1/4, ±1/2, ±3/4 F.S. after full-scale adjustment.
3:
Rollover error is related to CINT, CREF, CAZ characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com