Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC500 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 5 Page - Microchip Technology

  TC500_08 Datasheet HTML 1Page - Microchip Technology TC500_08 Datasheet HTML 2Page - Microchip Technology TC500_08 Datasheet HTML 3Page - Microchip Technology TC500_08 Datasheet HTML 4Page - Microchip Technology TC500_08 Datasheet HTML 5Page - Microchip Technology TC500_08 Datasheet HTML 6Page - Microchip Technology TC500_08 Datasheet HTML 7Page - Microchip Technology TC500_08 Datasheet HTML 8Page - Microchip Technology TC500_08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 5
TC500/A/510/514
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Output Voltage vs. Load
Current.
FIGURE 2-2:
Output Ripple vs. Load
Current.
FIGURE 2-3:
Oscillator Frequency vs.
Capacitance.
FIGURE 2-4:
Output Voltage vs. Output
Current.
FIGURE 2-5:
Output Source Resistance
vs. Temperature.
FIGURE 2-6:
Oscillator Frequency vs.
Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Load Current (mA)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
1020
3040
50
60
70
80
TA = +25°C
V+ = 5V
Slope 60
Ω
Load Current (mA)
0
3
456
12
7
8
9 10
0
25
50
75
100
125
150
175
200
V+ = 5V, TA = +25°C
Osc. Freq. = 100 kHz
CAP = 1 µF
CAP = 10 µF
Oscillator Capacitance (pF)
100
10
1
110
100
1000
TA = +25°C
V+ = 5V
Output Current (mA)
06
8
10
4
214
16
18
12
20
-0
-1
-3
-2
-4
-5
-7
-6
-8
TA = +25°C
Temperature (°C)
70
80
90
100
60
50
40
-50
025
-25
50
75
100
V+ = 5V
IOUT = 10 mA
Temperature (°C)
125
150
100
75
50
-50
025
-25
50
75
125
100
V+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com