Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6141 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 29Page - Microchip Technology MCP6141 Datasheet HTML 30Page - Microchip Technology MCP6141 Datasheet HTML 31Page - Microchip Technology MCP6141 Datasheet HTML 32Page - Microchip Technology MCP6141 Datasheet HTML 33Page - Microchip Technology MCP6141 Datasheet HTML 34Page - Microchip Technology MCP6141 Datasheet HTML 35Page - Microchip Technology MCP6141 Datasheet HTML 36Page - Microchip Technology MCP6141 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 33
MCP6141/2/3/4
APPENDIX A: REVISION HISTORY
Revision D (May 2009)
The following is the list of modifications:
1.
DC Electrical Charactistics table: Corrected
formatting issue in Output section.
2.
AC Electrical Characteristics table: Slew Rate
- changed typical value from 3.0 to 24. Changed
Phase Margin from 65 to 60. Changed Phase
Margin Condition from G=+1 to G=+10 V/V.
3.
Updated Package Outline Drawings
4.
Updated Revision History.
Revision C (December 2007)
• Updated Figures 2.4 and 2.5
• Expanded Analog Input Absolute Max Voltage
Range (applies retroactively)
• Expanded maximum operating VDD (going
forward)
• Section 1.0 “Electrical Characteristics”
updated
• Section 2.0 “Typical Performance Curves”
updated
• Section 4.0 “Applications Information”
- Updated input stage explanation
• Section 5.0 “Design Aids” updated
Revision B (November 2005)
The following is the list of modifications:
1.
Added the following:
a) SOT-23-5 package for the MCP6141 single
op amps.
b) SOT-23-6 package for the MCP6143 single
op amps with Chip Select.
c)
Extended Temperature (-40°C to +125°C)
op amps.
2.
Updated
specifications
in
Section 1.0
“Electrical Characteristics” for E-temp parts.
3.
Corrected and updated plots in Section 2.0
“Typical Performance Curves”.
4.
Added Section 3.0 “Pin Descriptions”.
5.
Updated
Section 4.0
“Applications
Information” and added section on unused op
amps.
6.
Updated Section 5.0 “Design Aids” to include
FilterLab.
7.
Added SOT-23-5 and SOT-23-6 packages and
corrected package marking information in
Section 6.0 “Packaging Information”.
8.
Added Appendix A: “Revision History”.
Revision A (September 2002)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com