Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6141 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6141 Datasheet HTML 1Page - Microchip Technology MCP6141 Datasheet HTML 2Page - Microchip Technology MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 5
MCP6141/2/3/4
TEMPERATURE CHARACTERISTICS
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-2. The bypass
capacitors are laid out according to the rules discussed
in Section 4.6 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Characteristics: Unless otherwise indicated, VDD = +1.4V to +5.5V, VSS = GND.
Parameters
Sym. Min.
Typ. Max. Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Industrial Temperature parts
TA
-40
—
+125
°C
Extended Temperature parts
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θJA
—256
—
°C/W
Thermal Resistance, 6L-SOT-23
θJA
—230
—
°C/W
Thermal Resistance, 8L-MSOP
θJA
—206
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—85—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—163
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—100
—
°C/W
Note 1: The MCP6141/2/3/4 family of Industrial Temperature op amps operates over this extended range, but with
reduced performance. In any case, the internal Junction Temperature (TJ) must not exceed the Absolute
Maximum specification of +150°C.
VDD
MCP614X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP614X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com