Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2054 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 4 Page - Microchip Technology

  TC2054 Datasheet HTML 1Page - Microchip Technology TC2054 Datasheet HTML 2Page - Microchip Technology TC2054 Datasheet HTML 3Page - Microchip Technology TC2054 Datasheet HTML 4Page - Microchip Technology TC2054 Datasheet HTML 5Page - Microchip Technology TC2054 Datasheet HTML 6Page - Microchip Technology TC2054 Datasheet HTML 7Page - Microchip Technology TC2054 Datasheet HTML 8Page - Microchip Technology TC2054 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC2054/2055/2186
DS21663D-page 4
© 2009 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Thermal Regulation
ΔV
OUT/ΔPD
—0.04
—
V/W
Note 8
Thermal Shutdown Die
Temperature
TSD
—
160
—
°C
Output Noise
eN
—
600
—
nV /
√Hz
IL = IOUT
MAX
, F = 10 kHz
Response Time
(from Shutdown Mode)
tR
—60
—
µs
VIN = 4V
CIN = 1 µF, COUT = 10 µF
IL = 0.1 mA, Note 11
SHDN Input
SHDN Input High Threshold
VIH
60
—
—
%VIN
VIN = 2.5V to 6.0V
SHDN Input Low Threshold
VIL
——
15
%VIN
VIN = 2.5V to 6.0V
ERROR OUTPUT
Minimum VIN Operating
Voltage
VINMIN
1.0
—
—
V
IOL = 0.1 mA
Output Logic Low Voltage
VOL
—
—
400
mV
1 mA Flows to ERROR,
IOL = 1 mA, VIN = 2V
ERROR Threshold Voltage
VTH
—
0.95 x VR
—
V
See Figure 4-2
ERROR Positive Hysteresis
VHYS
—50
—
mV
Note 10
VOUT to ERROR Delay
tDELAY
—2
—
ms
VOUT from VR = 3V to 2.8V
Resistance from ERROR to
GND
RERROR
—
126
—
Ω
VDD = 2.5V, VOUT = 2.5V
Electrical Specifications: Unless otherwise noted, VDD = +2.7V to +6.0V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges:
Extended Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances:
Thermal Resistance, 5L-SOT-23
θ
JA
—
255
—
°C/W
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
BOLDFACE type specifications apply for junction temperature of -40°C to +125°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note
1:
The minimum VIN has to meet two conditions: VIN = 2.7V and VIN = VR + VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V.
3:
TCVOUT =
4:
5:
6:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value at a 1V differential.
8:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10 ms.
9:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem-
perature and the thermal resistance from junction-to-air (i.e. TA, TJ, θJA).
10: Hysteresis voltage is referenced by VR.
11: Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN.
V
OUTMAX
V
OUTMIN
–
() 10
6
×
V
OUT
ΔT
×
-----------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com