Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2054 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC2054
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2054 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC2054 Datasheet HTML 11Page - Microchip Technology TC2054 Datasheet HTML 12Page - Microchip Technology TC2054 Datasheet HTML 13Page - Microchip Technology TC2054 Datasheet HTML 14Page - Microchip Technology TC2054 Datasheet HTML 15Page - Microchip Technology TC2054 Datasheet HTML 16Page - Microchip Technology TC2054 Datasheet HTML 17Page - Microchip Technology TC2054 Datasheet HTML 18Page - Microchip Technology TC2054 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 15
TC2054/2055/2186
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
6.2
Taping Information
1
23
5
4
5-Lead SOT-23
Example:
XXNN
1
23
5
4
SA25
TABLE 6-1:
PART NUMBER CODE AND
TEMPERATURE RANGE
(V)
TC2054
TC2055
TC2186
1.8
SA
TA
VA
2.5
SB
TB
VB
2.6
SHTHVH
2.7
SCTCVC
2.8
SDTDVD
2.85
SE
TE
VE
3.0
SFTFVF
3.3SGTGVG
5.0
SK
TJ
VJ
Legend: XX...X
Customer-specific information
NN
Alphanumeric traceability code
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in.
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
Device
Marking
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for 713 Suffix Device
(Mark Right Side Up)
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com