Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619-I/P Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP619-I/P
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619-I/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP619-I/P Datasheet HTML 30Page - Microchip Technology MCP619-I/P Datasheet HTML 31Page - Microchip Technology MCP619-I/P Datasheet HTML 32Page - Microchip Technology MCP619-I/P Datasheet HTML 33Page - Microchip Technology MCP619-I/P Datasheet HTML 34Page - Microchip Technology MCP619-I/P Datasheet HTML 35Page - Microchip Technology MCP619-I/P Datasheet HTML 36Page - Microchip Technology MCP619-I/P Datasheet HTML 37Page - Microchip Technology MCP619-I/P Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 31
MCP616/7/8/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP616:
Single Operational Amplifier
MCP616T:
Single Operational Amplifier
(Tape and Reel for SOIC, MSOP)
MCP617:
Dual Operational Amplifier
MCP617T:
Dual Operational Amplifier
(Tape and Reel for SOIC and MSOP)
MCP618:
Single Operational Amplifier w/Chip Select (CS)
MCP618T:
Single Operational Amplifier w/Chip Select (CS)
(Tape and Reel for SOIC and MSOP)
MCP619:
Quad Operational Amplifier
MCP619T:
Quad Operational Amplifier
(Tape and Reel for SOIC and TSSOP)
Temperature Range: I
= -40°C to +85°C
Package:
MS = Plastic MSOP, 8-lead
P
= Plastic DIP (300 mil Body), 8-lead, 14-lead
SN = Plastic SOIC (3.90 mm body), 8-lead
SL = Plastic SOIC (3.90 mm Body), 14-lead (MCP619)
ST = Plastic TSSOP (4.4mm Body), 14-lead (MCP619)
Examples:
a)
MCP616-I/P:
Industrial Temperature,
8 lead PDIP.
b)
MCP616-I/SN:
Industrial Temperature,
8 lead SOIC.
c)
MCP616T-I/MS:
Tape and Reel,
Industrial Temperature,
8 lead MSOP.
a)
MCP617-I/MS:
Industrial Temperature,
8 lead MSOP.
b)
MCP617T-I/MS:
Tape and Reel,
Industrial Temperature,
8 lead MSOP.
c)
MCP617-I/P:
Industrial Temperature,
8 lead PDIP.
a)
MCP618-I/SN:
Industrial Temperature,
8 lead SOIC.
b)
MCP618T-I/SN:
Tape and Reel,
Industrial Temperature,
8 lead SOIC.
c)
MCP618-I/P:
Industrial Temperature,
8 lead PDIP.
a)
MCP619T-I/SL:
Tape and Reel,
Industrial Temperature,
14 lead SOIC.
b)
MCP619T-I/ST:
Tape and Reel,
Industrial Temperature,
14 lead TSSOP.
c)
MCP619-I/P:
Industrial Temperature,
14 lead PDIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com