Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619-I/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP619-I/P
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619-I/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP619-I/P Datasheet HTML 8Page - Microchip Technology MCP619-I/P Datasheet HTML 9Page - Microchip Technology MCP619-I/P Datasheet HTML 10Page - Microchip Technology MCP619-I/P Datasheet HTML 11Page - Microchip Technology MCP619-I/P Datasheet HTML 12Page - Microchip Technology MCP619-I/P Datasheet HTML 13Page - Microchip Technology MCP619-I/P Datasheet HTML 14Page - Microchip Technology MCP619-I/P Datasheet HTML 15Page - Microchip Technology MCP619-I/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
MCP616/7/8/9
DS21613C-page 12
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-31:
Large-Signal, Non-Inverting
Pulse Response.
FIGURE 2-32:
Chip Select (CS) to
Amplifier Output Response Time (MCP618 only).
FIGURE 2-33:
The MCP616/7/8/9 Show
No Phase Reversal.
FIGURE 2-34:
Large-Signal, Inverting
Pulse Response.
FIGURE 2-35:
Chip Select (CS) Internal
Hysteresis (MCP618 only).
FIGURE 2-36:
Measured Input Current vs.
Input Voltage (below VSS).
0
1
2
3
4
5
Time (50 µs/div)
Gain = +1
VDD = 5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (5 μs/div)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
VOUT
Output
High-Z
Output
High-Z
Output
On
CS
VDD = 5.0V
Gain = +1 V/V
RL = 1 kŸ to VSS
-1
0
1
2
3
4
5
6
Time (100 µs/div)
VIN
VOUT
Gain = +2 V/V
VDD = 5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (50 µs/div)
Gain = -1
VDD = 5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.0
Chip Select Voltage (V)
Output
High-Z
VDD = 5.0V
Hysteresis
Output
On
CS swept
High-to-Low
CS swept
Low-to-High
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com