Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP619-I/ST
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP619-I/ST Datasheet HTML 6Page - Microchip Technology MCP619-I/ST Datasheet HTML 7Page - Microchip Technology MCP619-I/ST Datasheet HTML 8Page - Microchip Technology MCP619-I/ST Datasheet HTML 9Page - Microchip Technology MCP619-I/ST Datasheet HTML 10Page - Microchip Technology MCP619-I/ST Datasheet HTML 11Page - Microchip Technology MCP619-I/ST Datasheet HTML 12Page - Microchip Technology MCP619-I/ST Datasheet HTML 13Page - Microchip Technology MCP619-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
MCP616/7/8/9
DS21613C-page 10
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-19:
Quiescent Current vs.
Power Supply Voltage.
FIGURE 2-20:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-21:
Gain-Bandwidth Product,
Phase Margin vs. Load Resistance.
FIGURE 2-22:
Output Voltage Headroom
vs. Output Current Magnitude
.
FIGURE 2-23:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-24:
Channel-to-Channel
Separation vs. Frequency (MCP617 and
MCP619 only).
0
5
10
15
20
25
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = +85°C
TA = +25°C
TA = -40°C
90
95
100
105
110
115
120
125
130
0.1
1
10
100
Load Resistance (
Ω)
VDD = 2.3V
VDD = 5.5V
100
1k
10k
100k
0
20
40
60
80
100
120
140
160
180
200
1
10
100
1,000
Load Resistance (
Ω)
0
10
20
30
40
50
60
70
80
90
100
PM
GBWP
1k
10k
100k
1M
1
10
100
1,000
0.01
0.1
1
10
Output Current Magnitude (A)
10µ
100µ
1m
10m
VDD – VOH
VOL – VSS
VDD = 2.3V
VDD = 5.5V
105
110
115
120
125
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
RL = 25 kŸ
70
80
90
100
110
120
130
140
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Referred to Input
100
100k
10k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com