Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619-I/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP619-I/ST
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619-I/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP619-I/ST Datasheet HTML 7Page - Microchip Technology MCP619-I/ST Datasheet HTML 8Page - Microchip Technology MCP619-I/ST Datasheet HTML 9Page - Microchip Technology MCP619-I/ST Datasheet HTML 10Page - Microchip Technology MCP619-I/ST Datasheet HTML 11Page - Microchip Technology MCP619-I/ST Datasheet HTML 12Page - Microchip Technology MCP619-I/ST Datasheet HTML 13Page - Microchip Technology MCP619-I/ST Datasheet HTML 14Page - Microchip Technology MCP619-I/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 11
MCP616/7/8/9
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-25:
Open-Loop Gain, Phase vs.
Frequency.
FIGURE 2-26:
Input Noise Voltage, Current
Densities vs. Frequency.
FIGURE 2-27:
Small-Signal, Non-Inverting
Pulse Response.
FIGURE 2-28:
CMRR, PSRR vs.
Frequency.
FIGURE 2-29:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-30:
Small-Signal, Inverting
Pulse Response.
-20
0
20
40
60
80
100
120
140
1.E-
02
1.E-
01
1.E+
00
1.E+
01
1.E+
02
1.E+
03
1.E+
04
1.E+
05
1.E+
06
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
0.01 0.1
1
10
100
1k
10k 100k 1M
Gain
Phase
10
100
1,000
10,000
1.E-
01
1.E+0
0
1.E+0
1
1.E+0
2
1.E+0
3
1.E+0
4
Frequency (Hz)
10
100
1,000
10,000
0.1
10
1
100
10k
1k
eni
ini
Time (50 µs/div)
Gain = +1
20
30
40
50
60
70
80
90
100
110
120
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
Frequency (Hz)
0.1
10k
1k
100
10
1
CMRR
PSRR-
PSRR+
0.1
1
10
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
100
1k
10k
100k
VDD = 5.5V
VDD = 2.3V
Time (50 µs/div)
Gain = -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com