Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619T-I/ST Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP619T-I/ST
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619T-I/ST Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP619T-I/ST Datasheet HTML 4Page - Microchip Technology MCP619T-I/ST Datasheet HTML 5Page - Microchip Technology MCP619T-I/ST Datasheet HTML 6Page - Microchip Technology MCP619T-I/ST Datasheet HTML 7Page - Microchip Technology MCP619T-I/ST Datasheet HTML 8Page - Microchip Technology MCP619T-I/ST Datasheet HTML 9Page - Microchip Technology MCP619T-I/ST Datasheet HTML 10Page - Microchip Technology MCP619T-I/ST Datasheet HTML 11Page - Microchip Technology MCP619T-I/ST Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
MCP616/7/8/9
DS21613C-page 8
© 2008 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL =100 kΩ to VDD/2 and CL =60pF.
FIGURE 2-7:
Input Offset Voltage vs.
Ambient Temperature.
FIGURE 2-8:
Quiescent Current vs.
Ambient Temperature.
FIGURE 2-9:
Maximum Output Voltage
Swing vs. Ambient Temperature at RL =5kΩ.
FIGURE 2-10:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-11:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-12:
Maximum Output Voltage
Swing vs. Ambient Temperature at RL =25kΩ.
-150
-100
-50
0
50
100
150
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
VDD = 2.3V
VDD = 5.5V
Representative Part
0
2
4
6
8
10
12
14
16
18
20
22
24
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.3V
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
RL = 5 kŸ
VDD = 5.5V
VDD = 2.3V
VOL – VSS
VDD – VOH
-25
-20
-15
-10
-5
0
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
0.0
0.2
0.4
0.6
0.8
1.0
IOS
IB
VDD = 5.5V
80
85
90
95
100
105
110
115
120
-50
-25
0
255075
100
Ambient Temperature (°C)
PSRR
CMRR
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
Ambient Temperature (°C)
RL = 25 kŸ
VDD = 5.5V
VDD = 2.3V
VOL – VSS
VDD – VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com