Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP619T-I/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP619T-I/ST
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP619T-I/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP619T-I/ST Datasheet HTML 15Page - Microchip Technology MCP619T-I/ST Datasheet HTML 16Page - Microchip Technology MCP619T-I/ST Datasheet HTML 17Page - Microchip Technology MCP619T-I/ST Datasheet HTML 18Page - Microchip Technology MCP619T-I/ST Datasheet HTML 19Page - Microchip Technology MCP619T-I/ST Datasheet HTML 20Page - Microchip Technology MCP619T-I/ST Datasheet HTML 21Page - Microchip Technology MCP619T-I/ST Datasheet HTML 22Page - Microchip Technology MCP619T-I/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 19
MCP616/7/8/9
4.9.3
THREE OP AMP
INSTRUMENTATION AMPLIFIER
A classic, three-op amp instrumentation amplifier is
illustrated in Figure 4-11. The two-input op amps
provide differential signal gain and a common mode
gain of +1. The output op amp is a difference amplifier,
which converts its input signal from differential to a
single-ended output; it rejects common mode signals at
its input. The gain of this circuit is simply adjusted with
one resistor (RG). The reference voltage (VREF) is
typically referenced to mid-supply (VDD/2) in single-
supply applications.
FIGURE 4-11:
Three-Op Amp
Instrumentation Amplifier.
4.9.4
PRECISION GAIN WITH GOOD
LOAD ISOLATION
In Figure 4-12, the MCP616 op amp, R1 and R2 provide
a high gain to the input signal (VIN). The MCP616’s low
offset voltage makes this an accurate circuit.
The MCP606 is configured as a unity-gain buffer. It
isolates the MCP616’s output from the load, increasing
the high gain stage’s precision. Since the MCP606 has
a higher output current, and the two amplifiers are
housed in separate packages, there is minimal change
in the MCP616’s offset voltage due to loading effect.
FIGURE 4-12:
Precision Gain with Good
Load Isolation.
V
OUT
V
1
V
2
–
() 1
2R
2
R
G
---------
+
⎝⎠
⎜⎟
⎛⎞ R
4
R
3
------
⎝⎠
⎜⎟
⎛⎞
V
REF
+
=
R2
MCP617
VREF
V1
½
R4
R3
MCP616
R2
RG
MCP617
VOUT
V2
½
R4
R3
V
OUT
V
IN 1R2 R1
⁄
+
()
=
R2
R1
MCP616
VOUT
VIN
MCP606



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com