Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 35 Page - Microchip Technology

Part # TC510CPF
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510CPF Datasheet(HTML) 35 Page - Microchip Technology

Back Button TC510CPF Datasheet HTML 30Page - Microchip Technology TC510CPF Datasheet HTML 31Page - Microchip Technology TC510CPF Datasheet HTML 32Page - Microchip Technology TC510CPF Datasheet HTML 33Page - Microchip Technology TC510CPF Datasheet HTML 34Page - Microchip Technology TC510CPF Datasheet HTML 35Page - Microchip Technology TC510CPF Datasheet HTML 36Page - Microchip Technology TC510CPF Datasheet HTML 37Page - Microchip Technology TC510CPF Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 35
TC500/A/510/514
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
TC500
16 Bit Analog Processor
TC500A 16 Bit Analog Processor
TC510
Precision Analog Front End
TC514
Precision Analog Front End
Temperature Range
C
= 0°C to +70°C (Commercial)
I
= 25°C to +85°C (Industrial)
Package
JE
= Ceramic Dual In-line, (300 mil Body), 16-lead
PE
= Plastic DIP, (300 mil Body), 16-lead
OE
= Plastic SOIC, (300 mil Body), 16-lead
OE713
= Plastic SOIC, (300 mil Body), 16-lead
(Tape and Reel)
PF
= Plastic DIP, (300 mil Body), 24-lead
OG
= Plastic SOIC, (300 mil Body), 24-lead
OG713 = Plastic SOIC, (300 mil Body), 24-lead
(Tape and Reel)
PJ
= Plastic DIP, (300 mil Body), 28-lead
OI
= Plastic SOIC, (300 mil Body), 28-lead
OI713
= Plastic SOIC, (300 mil Body), 28-lead
(Tape and Reel)
Examples:
a)
TC500ACOE:
Commercial Temp.,
16LD SOIC package.
b)
TC500ACOE713:
Commercial Temp.,
16LD SOIC package,
Tape and Reel.
c)
TC500ACPE:
Commercial Temp.,
16LD PDIP package.
d)
TC500AIJE:
Industrial Temp.,
16LD CERDIP package.
a)
TC500COE:
Commercial Temp.,
16LD SOIC package.
b)
TC500COE713:
Commercial Temp.,
16LD SOIC package,
Tape and Reel.
c)
TC500CPE:
Commercial Temp.,
16LD PDIP package.
d)
TC500IJE:
Industrial Temp.,
16LD CERDIP package.
a)
TC510COG:
Commercial Temp.,
24LD PDIP package.
b)
TC510COG713:
Commercial Temp.,
24LD PDIP package,
Tape and Reel.
c)
TC510CPF:
Commercial Temp.,
24LD PDIP package.
a)
TC514COI:
Commercial Temp.,
28LD PDIP package.
b)
TC514COI713:
Commercial Temp.,
28LD PDIP package,
Tape and Reel.
c)
TC514CPJ:
Commercial Temp.,
28LD PDIP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com