Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510CPF Datasheet(PDF) 20 Page - Microchip Technology

Part # TC510CPF
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC510CPF Datasheet(HTML) 20 Page - Microchip Technology

Back Button TC510CPF Datasheet HTML 16Page - Microchip Technology TC510CPF Datasheet HTML 17Page - Microchip Technology TC510CPF Datasheet HTML 18Page - Microchip Technology TC510CPF Datasheet HTML 19Page - Microchip Technology TC510CPF Datasheet HTML 20Page - Microchip Technology TC510CPF Datasheet HTML 21Page - Microchip Technology TC510CPF Datasheet HTML 22Page - Microchip Technology TC510CPF Datasheet HTML 23Page - Microchip Technology TC510CPF Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
TC500/A/510/514
DS21428E-page 20
© 2008 Microchip Technology Inc.
FIGURE 9-1:
TC510 Design Sample.
FIGURE 9-2:
TC514 Design Example.
INPUT+
INPUT-
+5V
+5V
Pin 2
Pin 19
Pin 2
Pin 19
CINT
0.33 μF
VIN+
Typical Waveforms
1 μF
1 μF
CAZ
0.22 μF
CREF
VIN-
RINT
100 kΩ
1
2
3
4
16
15
CAP-
5
6
7
9
19
18
17
8
21
22
23
24
DGND
VREF+
VOUT-
A
B
CREF-
CINT
CAZ
BUF
ACOM
TC510
VREF-
VIN+
VIN-
CAP+
VDD
CMPTR
0.22 μF
C1
0.01 μF
R2
10 kΩ
+5V
R3, 10 kΩ
MCP1525
1 μF
CREF+
PIC®MCU
+5V
+5V
PIN 2
PIN 23
PIN 2
PIN 23
VIN+
Typical Waveforms
1 μF
VIN-
CAP-
23
22
21
25
26
27
28
DGND
A
B
TC514
CAP+
VDD
CMPTR
Analog
Mux Logic
INPUT 1+
INPUT 1-
INPUT 2+
INPUT 2-
INPUT 3+
INPUT 3-
INPUT4+
INPUT4-
18
13
A1
CH1+
17
12
CH2+
CH2-
16
11
CH3+
CH3-
15
10
CH4+
CH4-
22
19
A0
CH1-
CINT
0.33 μF
1 μF
CAZ
0.22 μF
CREF
RINT
100 kΩ
1
2
3
4
5
6
7
9
8
VREF+
VOUT-
CREF-
CINT
CAZ
BUF
ACOM
VREF-
0.22 μF
C1
0.01 μF
R2
10 kΩ
+5V
R3, 10 kΩ
MCP1525
1 μF
CREF+
PIC®MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com